전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL5015 데이터시트(PDF) 2 Page - AUK corp

부품명 SL5015
상세설명  COMPANDOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SL5015 데이터시트(HTML) 2 Page - AUK corp

  SL5015_1 Datasheet HTML 1Page - AUK corp SL5015_1 Datasheet HTML 2Page - AUK corp SL5015_1 Datasheet HTML 3Page - AUK corp SL5015_1 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSI-W003-000
2
Absolute Maximum Ratings
(Ta = 25
°C)
Characteristics
Symbol
Rating
Unit
Maximum Supply Voltage
V
CC
10
V
1000(D) note 1
mW
Power Dissipations
P
D
410(S) note 2
Operating Temperature Range
Topr
-20 ~ 70
°C
Storage Temperature Range
Tstg
-55 ~ 150
°C
* note 1. Above Ta=+25 °C , derate at 8mW/°C
2. Above Ta=+25 °C, derate at 3.3mW/°C
Block Diagram and Test Circuit
SL5015/P
2.2
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
REG.
LOGIC MUTE
-
+
-
+
-
+
EXP.
COM
-
+
REG.
100K
100K
100K
51K
3.3K
100K
10
10K
1
2.2
2.2
10K
50pF
51K
10K
1
0.047
100K
600
4.7
Vcc
EXP.OUT
DATA OUT
EXP.IN
SW2
SW3
SW4
SW5
EXP.
MUTE
THROUGH
COMP.
MUTE
+
+
+
+
+
+
+
+
+
+
+
+
4.7
600
SW1
0.047
COMP.IN
0.47
9.1K
2.2
RECT
DCF
600
0.1
100K
DATA IN
COMP.OUT
1
10K
6000pF
10K
10K
10K
10K
1000pF
1800pF
1uF
FILTER OUT
FILTER IN


유사한 부품 번호 - SL5015_1

제조업체부품명데이터시트상세설명
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
   COMPANDOR
More results

유사한 설명 - SL5015_1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
   Compandor
March, 2006 ??Rev. 4
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
   Compandor
April, 2009 ??Rev. 0
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
   Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
   Compandor
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
   COMPANDOR
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
   COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
   COMPANDOR
logo
Unisonic Technologies
UTC571N UTC-UTC571N_15 Datasheet
284Kb / 5P
   COMPANDOR
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com