전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1469DH 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI1469DH
상세설명  P-Channel 12-V (G-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1469DH 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI1469DH Datasheet HTML 1Page - Vishay Siliconix SI1469DH Datasheet HTML 2Page - Vishay Siliconix SI1469DH Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vishay Siliconix
SPICE Device Model Si1469DH
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
1.1
V
On-State Drain Current
a
ID(on)
VDS ≤ −5 V, VGS = −4.5 V
37
A
VGS = −10 V, ID = −2 A
0.064
0.065
VGS = −4.5 V, ID = −1.8 A
0.079
0.081
Drain-Source On-State Resistance
a
rDS(on)
VGS = −2.5 V, ID = −1.5 A
0.124
0.126
Forward Transconductance
a
gfs
VDS = −10 V, ID = −2 A
9
6
S
Diode Forward Voltage
a
VSD
IS = −2 A
−0.84
−0.83
V
Dynamic
b
Input Capacitance
Ciss
558
470
Output Capacitance
Coss
104
105
Reverse Transfer Capacitance
Crss
VDS = −10 V, VGS = 0 V, f = 1 MHz
82
80
pF
Total Gate Charge
Qg
5
5.5
Gate-Source Charge
Qgs
0.80
0.80
Gate-Drain Charge
Qgd
VDS = −10 V, VGS = −4.5 V, ID = −2.5 A
1.7
1.7
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 74370
S-70353
Rev. A, 26-Feb-07


유사한 부품 번호 - SI1469DH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1469DH VISHAY-SI1469DH Datasheet
109Kb / 7P
   P-Channel 20-V (G-S) MOSFET
Rev. A, 29-Jan-07
SI1469DH VISHAY-SI1469DH Datasheet
252Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1469DH-T1-E3 VISHAY-SI1469DH-T1-E3 Datasheet
109Kb / 7P
   P-Channel 20-V (G-S) MOSFET
Rev. A, 29-Jan-07
logo
VBsemi Electronics Co.,...
SI1469DH-T1-GE3 VBSEMI-SI1469DH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1469DH VISHAY-SI1469DH_08 Datasheet
109Kb / 7P
   P-Channel 20-V (G-S) MOSFET
Rev. A, 29-Jan-07
More results

유사한 설명 - SI1469DH

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI7403BDN-T1-GE3 VBSEMI-SI7403BDN-T1-GE3 Datasheet
1Mb / 8P
   P-Channel 12 V (G-S) MOSFET
VBQF2120 VBSEMI-VBQF2120 Datasheet
754Kb / 8P
   P-Channel 12 V (G-S) MOSFET
AM7321P VBSEMI-AM7321P Datasheet
1Mb / 8P
   P-Channel 12 V (G-S) MOSFET
SI7405BDN-T1-GE3 VBSEMI-SI7405BDN-T1-GE3 Datasheet
1Mb / 8P
   P-Channel 12 V (G-S) MOSFET
logo
Vishay Siliconix
SI8405DB VISHAY-SI8405DB Datasheet
83Kb / 5P
   12-V P-Channel 1.8-V (G-S) MOSFET
Rev. C, 01-Jul-02
logo
Jiangsu Changjiang Elec...
CJS6562 JIANGSU-CJS6562 Datasheet
970Kb / 6P
   N- and P-Channel 12-V(G-S) MOSFET
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com