전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TXB0102 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TXB0102
상세설명  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TXB0102 데이터시트(HTML) 1 Page - Texas Instruments

  TXB0102 Datasheet HTML 1Page - Texas Instruments TXB0102 Datasheet HTML 2Page - Texas Instruments TXB0102 Datasheet HTML 3Page - Texas Instruments TXB0102 Datasheet HTML 4Page - Texas Instruments TXB0102 Datasheet HTML 5Page - Texas Instruments TXB0102 Datasheet HTML 6Page - Texas Instruments TXB0102 Datasheet HTML 7Page - Texas Instruments TXB0102 Datasheet HTML 8Page - Texas Instruments TXB0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
1
YZP PACKAGE
(BOTTOM VIEW)
GND
A2
B1
A1
VCCA
2
5
3
4
8
6
1
7
B2
OE
VCCB
2
3
4
8
7
6
5
B1
VCCB
OE
A1
B2
VCCA
GND
A2
DCT OR DCU PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
TXB0102
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
WITH AUTO DIRECTION SENSING AND
±15-kV ESD PROTECTION
SCES641 – MAY 2007
• Available in the Texas Instruments
NanoFree™ Packages
• 1.2 V to 3.6 V on A Port and 1.65 V to 5.5 V on
B Port (VCCA ≤ VCCB)
• V
CC Isolation Feature – If Either VCC Input Is at
GND, All Outputs Are in the High-Impedance
State
• OE Input Circuit Referenced to V
CCA
• Low Power Consumption, 4-µA Max I
CC
• I
off Supports Partial-Power-Down Mode
Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
A Port
2500-V Human-Body Model (A114-B)
200-V Machine Model (A115-A)
1500-V Charged-Device Model (C101)
B Port
15-kV Human-Body Model (A114-B)
200-V Machine Model (A115-A)
1500-V Charged-Device Model (C101)
This 2-bit noninverting translator uses two separate configurable power-supply rails. The A port is designed to
track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The B port is designed to track VCCB. VCCB
accepts any supply voltage from 1.65 V to 5.5 V. This allows for universal low-voltage bidirectional translation
between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, 3.3-V, and 5-V voltage nodes. VCCA should not exceed VCCB.
When the output-enable (OE) input is low, all outputs are placed in the high-impedance state.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the
driver.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TXB0102

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TXB0102 TI-TXB0102 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCTR TI-TXB0102DCTR Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCTR TI-TXB0102DCTR Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCTT TI-TXB0102DCTT Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results

유사한 설명 - TXB0102

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_08 Datasheet
838Kb / 22P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com