전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TXB0102DCTT 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TXB0102DCTT
상세설명  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TXB0102DCTT 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TXB0102DCTT Datasheet HTML 4Page - Texas Instruments TXB0102DCTT Datasheet HTML 5Page - Texas Instruments TXB0102DCTT Datasheet HTML 6Page - Texas Instruments TXB0102DCTT Datasheet HTML 7Page - Texas Instruments TXB0102DCTT Datasheet HTML 8Page - Texas Instruments TXB0102DCTT Datasheet HTML 9Page - Texas Instruments TXB0102DCTT Datasheet HTML 10Page - Texas Instruments TXB0102DCTT Datasheet HTML 11Page - Texas Instruments TXB0102DCTT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
Operating Characteristics
TXB0102
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
WITH AUTO DIRECTION SENSING AND
±15-kV ESD PROTECTION
SCES641 – MAY 2007
T
A = 25°C
VCCA
1.2 V
1.2 V
1.5 V
1.8 V
2.5 V
2.5 V
3.3 V
VCCB
PARAMETER
TEST CONDITIONS
UNIT
3.3 V
5 V
1.8 V
1.8 V
1.8 V
2.5 V
5 V
to
5 V
TYP
TYP
TYP
TYP
TYP
TYP
TYP
A port input, B port output
7.8
8
8
7
7
8
8
CL = 0, f = 10 MHz,
CpdA
B port input, A port output
12
11
11
11
11
11
11
tr = tf = 1 ns,
pF
OE = VCCA
A port input, B port output
38.1
29
29
29
29
30
30
CpdB
(outputs enabled)
B port input, A port output
25.4
19
18
18
18
21
21
A port input, B port output
0.01
0.01
0.01
0.01
0.01
0.01
0.01
CL = 0, f = 10 MHz,
CpdA
B port input, A port output
0.01
0.01
0.01
0.01
0.01
0.01
0.01
tr = tf = 1 ns,
pF
OE = GND
A port input, B port output
0.01
0.01
0.01
0.01
0.01
0.01
0.02
CpdB
(outputs disabled)
B port input, A port output
0.01
0.01
0.01
0.01
0.01
0.02
0.03
8
Submit Documentation Feedback


유사한 부품 번호 - TXB0102DCTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TXB0102DCTT TI-TXB0102DCTT Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCTT TI-TXB0102DCTT Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results

유사한 설명 - TXB0102DCTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_08 Datasheet
838Kb / 22P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com