전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LK701 데이터시트(PDF) 2 Page - Polyfet RF Devices

부품명 LK701
상세설명  SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POLYFET [Polyfet RF Devices]
홈페이지  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LK701 데이터시트(HTML) 2 Page - Polyfet RF Devices

  LK701 Datasheet HTML 1Page - Polyfet RF Devices LK701 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L1B 1 DIE ID, GM vs VG
0.1
1
10
0
2
4
6
8
10
12
14
Vgs in Volts
ID
GM
L1B 1DIE CAPACITANCE
1
10
100
0
5
10
15
20
25
30
VDS IN VOLTS
Coss
Ciss
Crss
LK701 POUT VS PIN F=500 MHZ; IDQ=0.3A; VDS=28V
36
38
40
42
44
46
48
50
22
24
26
28
30
32
34
36
38
PIN IN dBm
12
13
14
15
16
17
18
19
Efficiency = 55%
Pout
Gain
1 dB Compression 70W
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
LK701
L1B 1 DIE IV
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
VDSINVOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
vg=10v
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION 04/27/2001
Tolerance .XX +/-0.01
.XXX +/-.005 inches


유사한 부품 번호 - LK701

제조업체부품명데이터시트상세설명
logo
Polyfet RF Devices
LK701 POLYFET-LK701_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

유사한 설명 - LK701

제조업체부품명데이터시트상세설명
logo
Polyfet RF Devices
L225 POLYFET-L225 Datasheet
38Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P Datasheet
40Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX723 POLYFET-LX723 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LY402 POLYFET-LY402 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LR301 POLYFET-LR301 Datasheet
45Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2601 POLYFET-L2601 Datasheet
57Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LC821 POLYFET-LC821 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com