전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP422AIDCNTG4 데이터시트(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TMP422AIDCNTG4
상세설명  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP422AIDCNTG4 데이터시트(HTML) 1 Page - Burr-Brown (TI)

  TMP422AIDCNTG4 Datasheet HTML 1Page - Burr-Brown (TI) TMP422AIDCNTG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP422AIDCNTG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP422AIDCNTG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP422AIDCNTG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP422AIDCNTG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP422AIDCNTG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP422AIDCNTG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP422AIDCNTG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
Device
IDRegister
Manufacturer
IDRegister
Configuration
Register
Status
Register
Conversion
Rate
Register
N-Factor
Correction
DXP
8
5
1
2
Resolution
Register
Pointer
Register
Configuration
Register
Remote
Temperature
Register
Local
Temperature
Register
GND
6
7
V+
V+
DXN
TMP421
3
4
A1
A0
Bus
Interface
SDA
SCL
Device
IDRegister
Manufacturer
IDRegister
Configuration
Register
Status
Register
Conversion
Rate
Register
N-Factor
Correction
DX1
1
2
Resolution
Register
Pointer
Register
Configuration
Register
Remote
Temperature
Register
Local
Temperature
Register
6
7
DX2
TMP422
3
4
DX3
DX4
Bus
Interface
SDA
SCL
8
5
GND
V+
V+
TMP421
TMP422
SBOS398A – JULY 2007 – REVISED SEPTEMBER 2007
±1
°C Remote and Local TEMPERATURE SENSOR
in SOT23-8
2345
• SOT23-8 PACKAGE
The TMP421 and TMP422 are remote temperature
sensor monitors with a built-in local temperature
• ±1°C REMOTE DIODE SENSOR (MAX)
sensor.
The
remote
temperature
sensor
• ±1.5°C LOCAL TEMPERATURE SENSOR (MAX)
diode-connected transistors are typically low-cost,
• SERIES RESISTANCE CANCELLATION
NPN- or PNP-type transistors or diodes that are an
• n-FACTOR CORRECTION
integral part of microcontrollers, microprocessors, or
FPGAs.
• TWO-WIRE/SMBus™ SERIAL INTERFACE
Remote
accuracy
is
±1
°C
for
multiple
IC
• MULTIPLE INTERFACE ADDRESSES
manufacturers, with no calibration needed. The
• DIODE FAULT DETECTION
Two-Wire serial interface accepts SMBus write byte,
• RoHS COMPLIANT AND NO Sb/Br
read byte, send byte, and receive byte commands to
configure the device.
the TMP421 and TMP422 include series resistance
• PROCESSOR/FPGA TEMPERATURE
cancellation, programmable non-ideality factor, wide
MONITORING
remote temperature measurement range (up to
• LCD/DLP®/LCOS PROJECTORS
+150
°C), and diode fault detection.
• SERVERS
The TMP421 and TMP422 are both available in an
• CENTRAL OFFICE TELECOM EQUIPMENT
8-lead, SOT23 package.
• STORAGE AREA NETWORKS (SAN)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
SMBus is a trademark of Intel Corporation.
4
I2C is a trademark of NXP Semiconductors.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TMP422AIDCNTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP422AIDCNTG4 TI-TMP422AIDCNTG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422AIDCNTG4 TI1-TMP422AIDCNTG4 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results

유사한 설명 - TMP422AIDCNTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com