전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-AM87 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-AM87
상세설명  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM87 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AM87 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM87 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Intensity Bin Limit Table
Toleranceforeachbinlimitis±1�%
Toleranceforeachbinlimitis±0.�nm
Blue Color Bin Table
�in
Intensity(mcd)at�0mA
Min
Max
M
��0
680
��
680
880
P
880
11�0
Q
11�0
1�00
R
1�00
1900
S
1900
��00
T
��00
3�00
U
3�00
��00
V
��00
��00
W
��00
��00
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
�60.0
�6�.0
0.1��0
0.0�9�
0.1�66
0.0966
0.1818
0.090�
0.13��
0.03��
�6�.0
�68.0
0.13��
0.03��
0.1699
0.106�
0.1�66
0.0966
0.1�91
0.0�9�
3
�68.0
���.0
0.1�91
0.0�9�
0.1616
0.1�09
0.1699
0.106�
0.118�
0.06�1
���.0
��6.0
0.118�
0.06�1
0.1�1�
0.1��3
0.1616
0.1�09
0.1063
0.09��
��6.0
�80.0
0.1063
0.09��
0.139�
0.1��8
0.1�1�
0.1��3
0.0913
0.13��
Green Color Bin Table
Toleranceforeachbinlimitis±0.�nm
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
��0.0
���.0
0.0��3
0.8338
0.18�6
0.6��6
0.16�0
0.6�86
0.1060
0.8�9�
���.0
��8.0
0.1060
0.8�9�
0.�068
0.6�63
0.18�6
0.6��6
0.138�
0.81�8
3
��8.0
�3�.0
0.138�
0.81�8
0.���3
0.63��
0.�068
0.6�63
0.1�0�
0.�96�
�3�.0
�36.0
0.1�0�
0.�96�
0.��69
0.6�13
0.���3
0.63��
0.�003
0.��6�
�36.0
��0.0
0.�003
0.��6�
0.�6�9
0.60�0
0.��69
0.6�13
0.��96
0.���3
Red Color Bin Table
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
6��
63�
0.690�
0.309�
0.69��
0.�888
0.6��6
0.3106
0.�13�
0.�86�
Toleranceforeachbinlimitis±0.�nm


유사한 부품 번호 - HLMP-AM87

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-AM87 HP-HLMP-AM87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
HLMP-AM87-TW0XX HP-HLMP-AM87-TW0XX Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results

유사한 설명 - HLMP-AM87

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com