부품명
         상세내용
MGA-412P8

 GaAs Enhancement-mode pHEMT Power Amplifier optimized for IEEE 802.11b/g applications ( 8 Page)


AVAGO
100% 
Zoom Out Zoom In
   
 6 page
background image
6
Figure 6. Output Power and Gain vs Input Power
Figure 7. Detector vs Output Power
Figure 8. EVM & Current vs Output Power
Figure 9. EVM vs Modulated Output Power
Figure 10. Total Current vs Modulated Output Power
Figure 11. PAE vs Modulated Output Power
MGA-412P8 Typical Performance I
Tc = +25 °C, Vdd = 3.3V Input Signal=CW unless stated otherwise.
MGA-412P8 Typical Performance II
Tc = +25 °C, Vdd = 3.3V Input Signal=OFDM signal with 54Mbps, Modulation=64QAM unless stated otherwise.
Pout and Gain vs Pin
0
5
10
15
20
25
30
-25
-20
-15
-10
-5
0
5
Input Power (dBm)
Pout
Gain
Vdet vs Pout
0
0.5
1
1.5
2
2.5
5
7
9
11
1315
1719
2123
2527
Output Power (dBm)
VDD=3V
VDD=3.3V
VDD=3.6V
EVM & Current vs Modulated Pout
0
1
2
3
4
5
6
7
8
9
10
11
12
Modulated Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
EVM
Current
EVM vs Modulated Pout
0
1
2
3
4
5
6
7
8
9
10
11
12
5
7
9
11
13
15
17
19
21
23
25
Modulated Output Power (dBm)
VDD=3.0V
VDD=3.3V
VDD=3.6V
Total current vs Modulated Output Power
0
20
40
60
80
100
120
140
160
180
5
7
9
1113
15171921
2325
Modulated Output Power(dBm)
VDD=3.0V
VDD=3.3V
VDD=3.6V
PAE vs Modulated Output Power
0
10
20
30
40
50
60
5 6 7 8 9 10111213141516171819 2021222324
Modulated Output Power (dBm)
1  2  3  4  5  6  7  8 



관련 부품명

부품명상세내용Html View제조사
HMC590LP5GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER 6.0 - 9.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC608GaAs PHEMT MEDIUM POWER AMPLIFIER 9.5 - 11.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC591GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER 6.0 - 10.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC608LC4GaAs PHEMT MEDIUM POWER AMPLIFIER 9.5 - 11.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC591LP5GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER 6.0 - 9.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC592GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER 10.0 - 13.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
FMA3016-QFN3.5GHz High Power Amplifier for WiMAX applications 1 2 3 4 5 MoreFiltronic Compound Semiconductors
CA3102_05Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz 1 2 3 4 5 MoreIntersil Corporation
RM914Power Amplifier Module for AMPS Applications 824-849 MHz 1 2 3 4 5 MoreSkyworks Solutions Inc.
HMC590GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER 6.0 - 10.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl