전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-HM57-SV0XX 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-HM57-SV0XX
상세설명  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM57-SV0XX 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM57-SV0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-SV0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-SV0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-SV0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-SV0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-SV0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-SV0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-SV0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-SV0XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 8. Relative intensity vs. forward current.
Figure 11. Spatial radiation pattern – minor axis.
Figure 10. Spatial radiation pattern – major axis.
Figure 9. Relative dominant wavelength vs. DC for-
ward current.
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.5
0
30
60
90
120
150
180
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.5
0
30
60
90
120
150
180


유사한 부품 번호 - HLMP-HM57-SV0XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM54 AVAGO-HLMP-HM54 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HM54-MQ0XX AVAGO-HLMP-HM54-MQ0XX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HM55 AVAGO-HLMP-HM55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HM55-MQ0XX AVAGO-HLMP-HM55-MQ0XX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HM55-NPCXX AVAGO-HLMP-HM55-NPCXX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
More results

유사한 설명 - HLMP-HM57-SV0XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com