전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-3807 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HLMP-3807
상세설명  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3807 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-3807 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3807 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3807 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3807 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3807 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3807 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3807 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3807 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3807 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Agilent HLMP-3707
T-13/4 (5 mm), T-1 (3 mm),
Ultra-Bright LED Lamps
Data Sheet
Features
• Improved brightness
• Improved color performance
• Available in popular T-1 and
T-13/4 packages
• New sturdy leads
• IC compatible/low current
capability
• Reliable and rugged
• Choice of 3 bright colors
High Efficiency Red
High Brightness Yellow
High Performance Green
Applications
• Lighted switches
• Backlighting front panels
• Light pipe sources
• Keyboard indicators
Description
These non-diffused lamps out-
perform conventional LED
lamps. By utilizing new higher
intensity material, we achieve
superior product performance.
The HLMP-3750/-3390/-1340
Series Lamps are Gallium
Arsenide Phosphide on
HLMP-3707, -3807, -3907; HLMP-3750, -3850, -3950, -3960
HLMP-3390, -3490, -3590; HLMP-1340, -1440, -1540
HLMP-D640; HLMP-K640
Gallium Phosphide red light
emitting diodes. The
HLMP-3850/-3490/-1440 Series
are Gallium Arsenide Phosphide
on Gallium Phosphide yellow
light emitting diodes. The
HLMP-3950/-3590/-3960/-1540/
-D640/-K640 Series Lamps are
Gallium Phosphide green light
emitting diodes.


유사한 부품 번호 - HLMP-3807

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-3807 HP-HLMP-3807 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3807-K00XX HP-HLMP-3807-K00XX Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

유사한 설명 - HLMP-3807

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com