전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-RG10 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-RG10
상세설명  4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-RG10 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-RG10 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
• Well defined spatial radiation pattern
• Viewing angle:
major axis 120
°
minor axis 60
°
• High luminous output
• Two red and amber intensity levels:
AlInGaP (bright) and AlInGaP II (brightest)
• Colors:
626/630 nm red
590/592 nm amber526 nm green
470 nm blue
• Superior resistance to moisture
• UV resistant epoxy
Benefits
• Viewing angle designed for wide field of view
applications
• Superior performance for outdoor environments
• Radiation pattern matched for red, green, and blue for
full color sign
Applications
• Full color signs
Description
These Precision Optical Performance Oval LEDs are
specifically designed for Full Color/Video and
Passenger Information signs. The oval shaped
radiation pattern (60
° x 120°) and high luminous
intensity ensure that these devices are excellent for
wide field of view outdoor applications where a wide
viewing angle and readability in sunlight are essential.
These lamps have very smooth, matched radiation
patterns ensuring consistent color mixing in full color
applications, message uniformity across the viewing
angle of the sign.
High efficiency LED materials are used in these lamps:
Aluminum Indium Gallium Phosphide (AlInGaP) for
Red and Amber color and Indium Gallium Nitride
(InGaN) for Blue and Green. There are two families
of red and amber lamps, AlInGaP and the higher
performance AlInGaP II. Each lamp is made with an
advanced optical grade epoxy offering superior high
temperature and high moisture resistance in outdoor
applications. The package epoxy contains both uv-a
and uv-b inhibitors to reduce the effects of long term
exposure to direct sunlight.
Designers can select parallel (where the axis of the
leads is parallel to the wide axis of the oval radiation
pattern) or perpendicular orientation. Both lamps are
available in tinted version.
SunPower Series
HLMP-RG10, HLMP-SG10, HLMP-RL10, HLMP-SL10,
HLMP-RD11, HLMP-SD11, HLMP-RL11, HLMP-SL11,
HLMP-RM11, HLMP-SM11, HLMP-RB11, HLMP-SB11
CAUTION: The Blue and Green LEDs are Class 1 ESD sensitive. Please observe appropriate
precautions during handling and processing. Refer to Avago Technologies Application Note AN-1142
for additional details.
HLMP-RG10
4 mm Super Oval Precision Optical Performance
AlInGaP and InGaN LEDs
Data Sheet


유사한 부품 번호 - HLMP-RG10

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
HLMP-RG10-GK000 HP-HLMP-RG10-GK000 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
HLMP-RG10-JM000 HP-HLMP-RG10-JM000 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results

유사한 설명 - HLMP-RG10

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com