전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54HC162 데이터시트(PDF) 1 Page - Texas Instruments

부품명 CD54HC162
상세설명  BCD SYNCHRONOUS DECADE COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD54HC162 데이터시트(HTML) 1 Page - Texas Instruments

  CD54HC162 Datasheet HTML 1Page - Texas Instruments CD54HC162 Datasheet HTML 2Page - Texas Instruments CD54HC162 Datasheet HTML 3Page - Texas Instruments CD54HC162 Datasheet HTML 4Page - Texas Instruments CD54HC162 Datasheet HTML 5Page - Texas Instruments CD54HC162 Datasheet HTML 6Page - Texas Instruments CD54HC162 Datasheet HTML 7Page - Texas Instruments CD54HC162 Datasheet HTML 8Page - Texas Instruments CD54HC162 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CD54HC160, CD54HC162
BCD SYNCHRONOUS DECADE COUNTERS
SCHS301 – JUNE 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Synchronous Counting and Loading
D Two Count-Enable Inputs for n-Bit
Cascading
D Asynchronous Reset (CD54HC160)
D Synchronous Reset (CD54HC162)
D Look-Ahead Carry for High-Speed Counting
D Operating Range 2-V to 6-V VCC
D EPIC™ (Enhanced-Performance Implanted
CMOS) Process
D Packaged in Ceramic (F) DIPs
description
These synchronous, presettable counters feature an internal carry look-ahead for application in high-speed
counting designs. The CD54HC160 and CD54HC162 are BCD decade counters. Synchronous operation is
provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each other
when so instructed by the count-enable (ENP, ENT) inputs and internal gating. This mode of operation
eliminates the output counting spikes that are normally associated with synchronous (ripple-clock) counters.
A buffered clock (CLK) input triggers the four flip-flops on the rising (positive-going) edge of the clock waveform.
These counters are fully programmable; that is, they can be preset to any number between 0 and 9. As
presetting is synchronous, setting up a low level at the load input disables the counter and causes the outputs
to agree with the setup data after the next clock pulse, regardless of the levels of the enable inputs.
The clear function for the CD54HC160 is asynchronous. A low level at the clear (CLR) input sets all four of the
flip-flop outputs low, regardless of the levels of the CLK, load (LOAD), or enable inputs.
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. Instrumental in accomplishing this function are ENP, ENT, and a ripple-carry output (RCO).
Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. Enabling RCO produces a
high-level pulse while the count is maximum (9 with QA high). This high-level overflow ripple-carry pulse can
be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed, regardless of the level
of CLK.
These counters feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that
modify the operating mode have no effect on the contents of the counter until clocking occurs. The function of
the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the
stable setup and hold times.
The CD54HC160 and CD54HC162 are supplied in 16-lead hermetic dual-in-line ceramic packages (F suffix),
and are characterized for operation over the full military temperature range of –55
°C to 125°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
CD54HC160, CD54HC162 ...F PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - CD54HC162

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC162 TI-CD54HC162 Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
CD54HC162F3A TI-CD54HC162F3A Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
More results

유사한 설명 - CD54HC162

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
SN54LS168 MOTOROLA-SN54LS168 Datasheet
272Kb / 8P
   BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
ON Semiconductor
SN54-74LS168 ONSEMI-SN54-74LS168 Datasheet
117Kb / 6P
   BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
Hitachi Semiconductor
HD74LS162A HITACHI-HD74LS162A Datasheet
114Kb / 7P
   Synchronous Decade Counters(synchronous clear)
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com