전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP-SM11-LP0XX 데이터시트(Datasheet) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-SM11-LP0XX
상세내용  4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo 

   
 3 page
background image
3
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Device Selection Guide for AlInGaP II
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-RD11-J0000
Red 630
240
-
Yes
Parallel
B
HLMP-RD11-LP000
Red 630
400
1150
Yes
Parallel
B
HLMP-RD11-LPT00
Red 630
400
1150
Yes
Parallel
B
HLMP-RL11-H0000
Amber 592
180
-
Yes
Parallel
B
HLMP-RL11-LP000
Amber 592
400
1150
Yes
Parallel
B
HLMP-RL11-LPRxx
Amber 592
400
1150
Yes
Parallel
B
HLMP-SD11-J0000
Red 630
240
-
Yes
Perpendicular
A
HLMP-SD11-LP000
Red 630
400
1150
Yes
Perpendicular
A
HLMP-SD11-LPT00
Red 630
400
1150
Yes
Perpendicular
A
HLMP-SD11-MN0xx
Red 630
520
880
Yes
Perpendicular
A
HLMP-SD11-MNTxx
Red 630
520
880
Yes
Perpendicular
A
HLMP-SL11-H0000
Amber 592
180
-
Yes
Perpendicular
A
HLMP-SL11-HL0xx
Amber 592
180
520
Yes
Perpendicular
A
HLMP-SL11-KN0xx
Amber 592
310
880
Yes
Perpendicular
A
HLMP-SL11-LP0xx
Amber 592
400
1150
Yes
Perpendicular
A
HLMP-SL11-LPRxx
Amber 592
400
1150
Yes
Perpendicular
A
Device Selection Guide for InGaN
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SM11-LP0xx
Green 526
400
1150
Yes
Perpendicular
A
HLMP-RM11-H00xx
Green 526
180
-
Yes
Parallel
B
HLMP-RM11-M00xx
Green 526
520
-
Yes
Parallel
B
HLMP-SB11-H00xx
Blue 470
180
-
Yes
Perpendicular
A
HLMP-RB11-D00xx
Blue 470
65
-
Yes
Parallel
B
HLMP-RB11-H00xx
Blue 470
180
-
Yes
Parallel
B
Notes:
4. The luminous intensity is measured on the mechanical axis of the lamp package.
5. The optical axis is closely aligned with the package mechanical axis.
6. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HLMP-SL114 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HLMP-LD15Precision Optical Performance Red Green and Blue 4mm Standard Oval LEDs 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HLMP-AD85Precision Optical Performance Red Green and Blue 5mm Mini Oval LEDs 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HLMP-HD61Precision Optical Performance Red Green and Blue 5mm Standard Oval LEDs 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HLMP-AD61Precision Optical Performance Red Green and Blue 5mm Mini Oval LEDs 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HLMP-HG63Precision Optical Performance Red Green and Blue New 5mm Standard Oval LEDs 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HLMP-HD55Precision Optical Performance Red Green and Blue 5 mm Standard Oval LEDs 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HLMP-HD575 mm Precision Optical Performance Red Oval Plastic Lamps 1 2 3 AVAGO TECHNOLOGIES LIMITED
HLMP-HD575 mm Standard Oval Precision Optical Performance Red LED 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HLMP-CYXXPrecision Optical Performance 5mm Round Warm White LED Lamps 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED