전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KK74ACT00 데이터시트(PDF) 5 Page - KODENSHI_AUK CORP.

부품명 KK74ACT00
상세설명  Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT00 데이터시트(HTML) 5 Page - KODENSHI_AUK CORP.

  KK74ACT00 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT00 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT00 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT00 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT00 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KK74ACT00
N SUFFIX PLASTIC DIP
(MS - 001AA)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AB)
Symbol
MIN
MAX
A
8.55
8.75
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
Dimension, mm
1.27
5.27
2.54
7.62
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
5


유사한 부품 번호 - KK74ACT00

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK74ACT02 KODENSHI-KK74ACT02 Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT02D KODENSHI-KK74ACT02D Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT02N KODENSHI-KK74ACT02N Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04D KODENSHI-KK74ACT04D Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results

유사한 설명 - KK74ACT00

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IN74ACT00 INTEGRAL-IN74ACT00 Datasheet
102Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
IN74AC00 INTEGRAL-IN74AC00 Datasheet
101Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC00 KODENSHI-KK74AC00 Datasheet
224Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT00 SLS-SL74HCT00 Datasheet
33Kb / 4P
   Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
List of Unclassifed Man...
IW4011BN ETC-IW4011BN Datasheet
110Kb / 4P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT00A KODENSHI-KK74HCT00A Datasheet
466Kb / 5P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK4011B KODENSHI-KK4011B Datasheet
221Kb / 5P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IN74HC00A INTEGRAL-IN74HC00A Datasheet
71Kb / 4P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74HCT00A INTEGRAL-IN74HCT00A Datasheet
77Kb / 4P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com