전자부품 데이터시트 검색엔진 |
|
CD54HC192 데이터시트(PDF) 5 Page - Texas Instruments |
|
CD54HC192 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 20 page 5 Prerequisite For Switching Specifications PARAMETER SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Pulse Width tW 2 115 - - 145 - 175 - ns CPU, CPD 4.5 23 - - 29 - 35 - ns 192 6 20 - - 25 - 30 - ns tW 2 100 - - 125 - 150 - ns CPU, CPD 4.5 20 - - 25 - 30 - ns 193 6 17 - - 21 - 26 - ns PL tW 2 80 - - 100 - 120 - ns 4.5 16 - - 20 - 24 - ns 6 14 - - 17 - 20 - ns MR tW 2 100 - - 125 - 150 - ns 4.5 20 - - 25 - 30 - ns 6 17 - - 21 - 26 - ns Set-up Time tSU 2 80 - - 100 - 120 - ns Pn to PL 4.5 16 - - 20 - 24 - ns 6 14 - - 17 - 20 - ns Hold Time tH 2 0 - - 0-0- ns Pn to PL 4.5 0 - - 0 - 0 - ns 6 0 - - 0-0- ns Hold Time tH 2 80 - - 100 - 120 - ns CPD to CPU or 4.5 16 - - 20 - 24 - ns CPU to CPD 6 14 - - 17 - 20 - ns Recovery Time tREC 2 80 - - 100 - 120 - ns PL to CPU, CPD 4.5 16 - - 20 - 24 - ns 6 14 - - 17 - 20 - ns MR to CPU, CPD tREC 2 5 - - 5-5- ns 4.5 5- -5-5- ns 6 5 - - 5-5- ns Maximum Frequency fMAX 2 5 - - 4-3- MHz CPU, CPD 4.5 22 - - 18 - 15 - MHz 192 6 24 - - 21 - 18 - MHz fMAX 2 5 - - 4-3- MHz CPU, CPD 4.5 25 - - 20 - 17 - MHz 193 6 29 - - 24 - 20 - MHz HCT TYPES Pulse Width tW 2 - ------ ns CPU, CPD 4.5 23 - - 29 - 35 - ns 192 6 - ------ ns CPU, CPD tW 2 - ------ ns 193 4.5 23 - - 29 - 35 - ns 6 - ------ ns CD54/74HC192, CD54/74HC193, CD54/74HCT193 |
유사한 부품 번호 - CD54HC192_07 |
|
유사한 설명 - CD54HC192_07 |