전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74AC280M96E4 데이터시트(PDF) 6 Page - Texas Instruments

부품명 CD74AC280M96E4
상세설명  9-Bit Odd/Even Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74AC280M96E4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CD74AC280M96E4 Datasheet HTML 2Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 3Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 4Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 5Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 6Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 7Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 8Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 9Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD54AC280F3A
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
CD54ACT280F3A
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
CD74AC280E
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74AC280EE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74AC280M
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74AC280M96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74AC280M96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74AC280M96G4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74AC280ME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74AC280MG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT280E
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74ACT280EE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74ACT280M
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT280M96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT280M96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT280M96G4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT280ME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT280MG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 1


유사한 부품 번호 - CD74AC280M96E4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74AC280M96E4 TI-CD74AC280M96E4 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
More results

유사한 설명 - CD74AC280M96E4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
   9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
   9-bit Odd / Even Parity Generator / Checker
logo
NXP Semiconductors
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
   9-bit odd/even parity generator/checker
December 1990
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
   9-bit odd/even parity generator/checker
1996 Mar 12
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
   9-bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
   9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
logo
Nexperia B.V. All right...
74HCT280 NEXPERIA-74HCT280 Datasheet
245Kb / 13P
   9-bit odd/even parity generator/checker
Rev. 4 - 16 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com