전자부품 데이터시트 검색엔진 |
|
CD74HC390ME4 데이터시트(PDF) 5 Page - Texas Instruments |
|
CD74HC390ME4 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 15 page 5 HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC and GND 0 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS nCP0 0.45 nCP1, MR 0.6 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Table, e.g., 360 µA max at 25oC. Prerequisite for Switching Specifications CHARACTERISTIC SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Maximum Clock Frequency fMAX 2 6 - - 5 - 4 - MHz 4.5 30 - - 24 - 20 - MHz 6 35 - - 28 - 24 - MHz Clock Pulse Width, nCP0, nCP1 tW 2 80 - - 100 - 120 - ns 4.5 16 - - 20 - 24 - ns 6 14- -17-20 - ns CD74HC390, CD54HCT390, CD74HCT390 |
유사한 부품 번호 - CD74HC390ME4 |
|
유사한 설명 - CD74HC390ME4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |