전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KK324 데이터시트(Datasheet) 1 Page - KODENSHI KOREA CORP.

부품명 KK324
상세내용  Low Power Quad Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KODENSHI [KODENSHI KOREA CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo 

   
 1 page
background image
TECHNICAL DATA
KK324
Low Power Quad Operational Amplifier
The KK324 contains four independent high gain operational amplifiers
with internal frequency compensation. The four op-amps operate over a
wide voltage range from a single power supply. Also use a split power
supply. The device has low power supply current drain, regardless of the
power supply voltage. The low power drain also makes the KK324 a good
choice for battery operation.
ORDERING INFORMATION
KK324N Plastic
KK324D SOIC
TA = -40° to +85° C
for all packages.
When your project calls for a traditional op-amp function, now you
can streamline your design with a simple single power supply. Use
ordinary +5VDC common to practically any digital system or personal
computer application, without requiring an extra 15V power supply just to
have the interface electronics you need.
The KK324 is a versatile, rugged workhorse with a thousand-and-one
uses, from amplifying signals from a variety of transducers to dc gain
blocks, or any op-amp function. The attached pages offer some recipes
that will have your project cooking in no time.
Internally frequency compensated for unity gain
Large DC voltage gain: 100dB
Wide power supply range:
3V ~ 32V (or
±1.5V ~ ±16V)
Input common-mode voltage range includes ground
Large output voltage swing: 0V DC to VCC-1.5V DC
Power drain suitable for battery operation
Low input offset voltage and offset current
Differential input voltage range equal to the power supply voltage
LOGIC DIAGRAM
PIN 4 = VCC
PIN 11= GND
PIN ASSIGNMENT
1




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
LM2902HLow Power Quad Operational Amplifier 1 2 STMicroelectronics
HFA1405_05Quad 560MHz Low Power Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
AU2902Low power quad operational amplifier 1 2 3 4 5 MoreNXP Semiconductors
LM2902WLOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
LM2902_07Low power quad operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
LM2902W_07Low power quad operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
AS321LOW POWER SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM2904WHLow power dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
LM124_05Low Power Quad Operational Amplifiers 1 2 3 4 5 MoreSTMicroelectronics
HFA1109_04450MHz Low Power Current Feedback Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl