전자부품 데이터시트 검색엔진 |
|
SN74HC86DR 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
SN74HC86DR 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 16 page SN54HC86, SN74HC86 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES SCLS100E – DECEMBER 1982 – REVISED AUGUST 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HC86 SN74HC86 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT t A or B Y 2 V 40 100 150 125 ns tpd A or B Y 4.5 V 12 20 30 25 ns pd 6 V 10 17 25 21 t Y 2 V 28 75 110 95 ns tt Y 4.5 V 8 15 22 19 ns t 6 V 6 13 19 16 operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per gate No load 35 pF PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORM INPUT RISE AND FALL TIMES 50% 50% 10% 10% 90% 90% VCC 0 V tr tf Input VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output Test Point From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. The outputs are measured one at a time with one input transition per measurement. D. tPLH and tPHL are the same as tpd. Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - SN74HC86DR |
|
유사한 설명 - SN74HC86DR |