전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KK74LV139 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 KK74LV139
상세설명  Dual 2-to-4 line decoder/demultiplexer; inverting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV139 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74LV139 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV139 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV139 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV139 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV139 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74LV139 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74LV139
Dual 2-to-4 line decoder/demultiplexer;
inverting
N SUFFIX
PLASTIC
D SUFFIX
SOIC
1
16
1
16
ORDERING INFORMATION
KK74LV139N Plastic
KK74LV139D SOIC
TA = -40° to 125° C for all packages
The KK74LV139 is a low-voltage Si-gate CMOS device and is pin
and function compatible with 74HCT139.
The74LV139 is dual 2-to-4 line decoder/demultiplexer . This device
has two independent decoders, each accepting two binary weighted
inputs (A0a,A0b and A1a,A1b) and providing four mutually exclusive
active LOW outputs (nY0 to nY3). Each decoder has an active LOW
enable input (nE)
When nE is HIGH, every output is forced HIGH. The enable can be
used as the data input for a 1-to-4 demultiplexer application.
• Optimized for Low Voltage applications:1.2 to 3.6 V
• Demultiplexing capability
• Two independent 2-to-4 decoders
• Multifunction capability
• Active LOW mutually exclusive outputs
• Output capability: standard
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
E
A1
A0
Y0 Y1 Y2 Y3
H
L
L
L
L
X
L
L
H
H
X
L
H
L
H
H H H H
L H H H
H L H H
H H L H
H H H L
H = high level (steady state)
L = low level (steady state)
X = don’t care
1


유사한 부품 번호 - KK74LV139

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138D KODENSHI-KK74LV138D Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138N KODENSHI-KK74LV138N Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
More results

유사한 설명 - KK74LV139

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IN74LV139 INTEGRAL-IN74LV139 Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com