전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFZ48VSPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFZ48VSPBF
상세설명  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48VSPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFZ48VSPBF Datasheet HTML 1Page - International Rectifier IRFZ48VSPBF Datasheet HTML 2Page - International Rectifier IRFZ48VSPBF Datasheet HTML 3Page - International Rectifier IRFZ48VSPBF Datasheet HTML 4Page - International Rectifier IRFZ48VSPBF Datasheet HTML 5Page - International Rectifier IRFZ48VSPBF Datasheet HTML 6Page - International Rectifier IRFZ48VSPBF Datasheet HTML 7Page - International Rectifier IRFZ48VSPBF Datasheet HTML 8Page - International Rectifier IRFZ48VSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ48VSPbF
HEXFET® Power MOSFET
07/19/04
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
72
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
51
A
IDM
Pulsed Drain Current

290
PD @TC = 25°C
Power Dissipation
150
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
166
mJ
IAR
Avalanche Current

72
A
EAR
Repetitive Avalanche Energy

15
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.3
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.0
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 12mΩ
ID = 72A
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest power
capability and the lowest possible on-resistance in any existing
surface mount package. The D2Pak is suitable for high current
applications because of its low internal connection resistance and
can dissipate up to 2.0W in a typical surface mount application.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Optimized for SMPS Applications
l Lead-Free
Description
D2Pak
PD - 95573


유사한 부품 번호 - IRFZ48VSPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFZ48VSPBF IRF-IRFZ48VSPBF Datasheet
184Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
IRFZ48VSPBF IRF-IRFZ48VSPBF_15 Datasheet
184Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRFZ48VSPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com