전자부품 데이터시트 검색엔진 |
|
74VHC125SJ 데이터시트(PDF) 3 Page - Fairchild Semiconductor |
|
74VHC125SJ 데이터시트(HTML) 3 Page - Fairchild Semiconductor |
3 / 9 page ©1993 Fairchild Semiconductor Corporation www.fairchildsemi.com 74VHC125 Rev. 1.4.0 3 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Recommended Operating Conditions(1) The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Note: 1. Unused inputs must be held HIGH or LOW. They may not float. Symbol Parameter Rating VCC Supply Voltage –0.5V to +7.0V VIN DC Input Voltage –0.5V to +7.0V VOUT DC Output Voltage –0.5V to VCC + 0.5V IIK Input Diode Current –20mA IOK Output Diode Current ±20mA IOUT DC Output Current ±25mA ICC DC VCC / GND Current ±50mA TSTG Storage Temperature –65°C to +150°C TL Lead Temperature (Soldering, 10 seconds) 260°C Symbol Parameter Rating VCC Supply Voltage 2.0V to +5.5V VIN Input Voltage 0V to +5.5V VOUT Output Voltage 0V to VCC TOPR Operating Temperature –40°C to +85°C tr, tf Input Rise and Fall Time, VCC = 3.3V ± 0.3V VCC = 5.0V ± 0.5V 0ns/V ∼ 100ns/V 0ns/V ∼ 20ns/V |
유사한 부품 번호 - 74VHC125SJ |
|
유사한 설명 - 74VHC125SJ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |