전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39WF800A-90-4C-B3KE 데이터시트(PDF) 11 Page - Silicon Storage Technology, Inc

부품명 SST39WF800A-90-4C-B3KE
상세설명  8 Mbit (x16) Multi-Purpose Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39WF800A-90-4C-B3KE 데이터시트(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST39WF800A-90-4C-B3KE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39WF800A-90-4C-B3KE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39WF800A-90-4C-B3KE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39WF800A-90-4C-B3KE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39WF800A-90-4C-B3KE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39WF800A-90-4C-B3KE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39WF800A-90-4C-B3KE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39WF800A-90-4C-B3KE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39WF800A-90-4C-B3KE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
8 Mbit Multi-Purpose Flash
SST39WF800A
11
©2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
AC CHARACTERISTICS
TABLE 12: Read Cycle Timing Parameters
Symbol
Parameter
Min
Max
Units
TRC
Read Cycle Time
90
ns
TCE
Chip Enable Access Time
90
ns
TAA
Address Access Time
90
ns
TOE
Output Enable Access Time
50
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
ns
TOLZ1
OE# Low to Active Output
0
ns
TCHZ1
CE# High to High-Z Output
40
ns
TOHZ1
OE# High to High-Z Output
40
ns
TOH1
Output Hold from Address Change
0
ns
T12.0 1258
TABLE 13: Program/Erase Cycle Timing Parameters
Symbol
Parameter
Min
Max
Units
TBP
Word-Program Time
40
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
50
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
50
ns
TWP
WE# Pulse Width
50
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
50
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
50
ms
TBE
Block-Erase
50
ms
TSCE
Chip-Erase
200
ms
T13.0 1258


유사한 부품 번호 - SST39WF800A-90-4C-B3KE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
More results

유사한 설명 - SST39WF800A-90-4C-B3KE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com