전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KK4071B 데이터시트(PDF) 4 Page - KODENSHI_AUK CORP.

부품명 KK4071B
상세설명  Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4071B 데이터시트(HTML) 4 Page - KODENSHI_AUK CORP.

  KK4071B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4071B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4071B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4071B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4071B Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK4071B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A or B to
Output Y (Figure 1)
5.0
10
15
250
120
90
250
120
90
500
240
180
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/4 of the Device)
4


유사한 부품 번호 - KK4071B

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK4070B KODENSHI-KK4070B Datasheet
229Kb / 5P
   Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
KK4070BD KODENSHI-KK4070BD Datasheet
229Kb / 5P
   Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
KK4070BN KODENSHI-KK4070BN Datasheet
229Kb / 5P
   Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
More results

유사한 설명 - KK4071B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
IW4071B ETC1-IW4071B Datasheet
102Kb / 4P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4071B IKSEMICON-IW4071B Datasheet
159Kb / 5P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC32A KODENSHI-KK74HC32A Datasheet
199Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
KK74ACT32 KODENSHI-KK74ACT32 Datasheet
221Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC32A IKSEMICON-IN74HC32A Datasheet
186Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
IN74HCT32A IKSEMICON-IN74HCT32A Datasheet
181Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC32 KODENSHI-KK74AC32 Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC32 INTEGRAL-IN74AC32 Datasheet
141Kb / 4P
   QUAD 2-INPUT OR GATE High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT32 SLS-SL74HCT32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com