전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25L256B-DG 데이터시트(PDF) 1 Page - Ramtron International Corporation

부품명 FM25L256B-DG
상세설명  256Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L256B-DG 데이터시트(HTML) 1 Page - Ramtron International Corporation

  FM25L256B-DG Datasheet HTML 1Page - Ramtron International Corporation FM25L256B-DG Datasheet HTML 2Page - Ramtron International Corporation FM25L256B-DG Datasheet HTML 3Page - Ramtron International Corporation FM25L256B-DG Datasheet HTML 4Page - Ramtron International Corporation FM25L256B-DG Datasheet HTML 5Page - Ramtron International Corporation FM25L256B-DG Datasheet HTML 6Page - Ramtron International Corporation FM25L256B-DG Datasheet HTML 7Page - Ramtron International Corporation FM25L256B-DG Datasheet HTML 8Page - Ramtron International Corporation FM25L256B-DG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 3.0
July 2007
Page 1 of 14
FM25L256B
256Kb FRAM Serial 3V Memory
Features
256K bit Ferroelectric Nonvolatile RAM
Organized as 32,768 x 8 bits
Unlimited Read/Write Cycles
10 Year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Very Fast Serial Peripheral Interface - SPI
Up to 20 MHz Frequency
Direct Hardware Replacement for EEPROM
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Write Protection Scheme
Hardware Protection
Software Protection
Low Power Consumption
Low Voltage Operation 2.7V – 3.6V
Industry Standard Configurations
Industrial Temperature -40
°C to +85°C
8-pin SOIC and 8-pin TDFN Packages
“Green”/RoHS Packaging
Description
The
FM25L256B
is
a
256-kilobit
nonvolatile
memory
employing
an
advanced
ferroelectric
process. A ferroelectric random access memory or
FRAM is nonvolatile and performs reads and writes
like a RAM. It provides reliable data retention for 10
years while eliminating the complexities, overhead,
and system level reliability problems caused by
EEPROM and other nonvolatile memories.
Unlike serial EEPROMs, the FM25L256B performs
write operations at bus speed. No write delays are
incurred. Data is written to the memory array
immediately after each byte has been transferred to
the device. The next bus cycle may commence
without the need for data polling. In addition, the
product offers virtually unlimited write endurance.
FRAM also exhibits much lower power consumption
than EEPROM.
These capabilities make the FM25L256B ideal for
nonvolatile memory applications requiring frequent
or rapid writes or low power operation. Examples
range from data collection, where the number of
write cycles may be critical, to demanding industrial
controls where the long write time of EEPROM can
cause data loss.
The FM25L256B provides substantial benefits to
users of serial EEPROM as a hardware drop-in
replacement. The FM25L256B uses the high-speed
SPI bus, which enhances the high-speed write
capability
of
FRAM
technology.
Device
specifications are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
Pin Name
Function
/CS
Chip Select
/WP
Write Protect
/HOLD
Hold
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
Supply Voltage (2.7 to 3.6V)
VSS
Ground
Ordering Information
FM25L256B-G
“Green”/RoHS 8-pin SOIC
FM25L256B-DG
“Green”/RoHS 8-pin TDFN
/CS
SO
/WP
VSS
VDD
/HOLD
SCK
SI
8
7
6
5
1
2
3
4
Top View
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


유사한 부품 번호 - FM25L256B-DG

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
logo
List of Unclassifed Man...
FM25L256-DG ETC-FM25L256-DG Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L256-DG RAMTRON-FM25L256-DG Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
logo
List of Unclassifed Man...
FM25L256-G ETC-FM25L256-G Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
More results

유사한 설명 - FM25L256B-DG

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com