전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25L16 데이터시트(PDF) 7 Page - Ramtron International Corporation

부품명 FM25L16
상세설명  16Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16 데이터시트(HTML) 7 Page - Ramtron International Corporation

Back Button FM25L16 Datasheet HTML 3Page - Ramtron International Corporation FM25L16 Datasheet HTML 4Page - Ramtron International Corporation FM25L16 Datasheet HTML 5Page - Ramtron International Corporation FM25L16 Datasheet HTML 6Page - Ramtron International Corporation FM25L16 Datasheet HTML 7Page - Ramtron International Corporation FM25L16 Datasheet HTML 8Page - Ramtron International Corporation FM25L16 Datasheet HTML 9Page - Ramtron International Corporation FM25L16 Datasheet HTML 10Page - Ramtron International Corporation FM25L16 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FM25L16
Rev. 3.0
Aug. 2006
Page 7 of 14
The BP1 and BP0 bits and the Write Enable Latch
are the only mechanisms that protect the memory
from writes. The remaining write protection features
protect inadvertent changes to the block protect bits.
The WPEN bit controls the effect of the hardware
/WP pin. When WPEN is low, the /WP pin is
ignored. When WPEN is high, the /WP pin controls
write access to the status register. Thus the Status
Register is write protected if WPEN=1 and /WP=0.
This scheme provides a write protection mechanism,
which can prevent software from writing the
memory under any circumstances. This occurs if the
BP1 and BP0 are set to 1, the WPEN bit is set to 1,
and /WP is set to 0. This occurs because the block
protect bits prevent writing memory and the /WP
signal in hardware prevents altering the block
protect bits (if WPEN is high). Therefore in this
condition, hardware must be involved in allowing a
write operation. The following table summarizes the
write protection conditions.
Table 4. Write Protection
WEL
WPEN
/WP
Protected Blocks
Unprotected Blocks
Status Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected
Memory Operation
The SPI interface, which is capable of a relatively
high clock frequency, highlights the fast write
capability of the FRAM technology. Unlike SPI-bus
EEPROMs, the FM25L16 can perform sequential
writes at bus speed. No page register is needed and
any number of sequential writes may be performed.
Write Operation
All writes to the memory array begin with a WREN
op-code. The next op-code is the WRITE instruction.
This op-code is followed by a two-byte address
value. The upper 5-bits of the address are ignored. In
total, the 11-bits specify the address of the first data
byte of the write operation. Subsequent bytes are data
and they are written sequentially. Addresses are
incremented internally as long as the bus master
continues to issue clocks. If the last address of 7FFh
is reached, the counter will roll over to 000h. Data is
written MSB first. A write operation is shown in
Figure 9.
Unlike EEPROMs, any number of bytes can be
written sequentially and each byte is written to
memory immediately after it is clocked in (after the
8
th
clock). The rising edge of /CS terminates a
WRITE op-code operation.
Read Operation
After the falling edge of /CS, the bus master can issue
a READ op-code. Following this instruction is a two-
byte address value. The upper 5-bits of the address
are ignored. In total, the 11-bits specify the address of
the first byte of the read operation. After the op-code
and address are complete, the SI line is ignored. The
bus master issues 8 clocks, with one bit read out for
each. Addresses are incremented internally as long as
the bus master continues to issue clocks. If the last
address of 7FFh is reached, the counter will roll over
to 000h. Data is read MSB first. The rising edge of
/CS terminates a READ op-code operation. A read
operation is shown in Figure 10.
Hold
The /HOLD pin can be used to interrupt a serial
operation without aborting it. If the bus master pulls
the /HOLD pin low while SCK is low, the current
operation will pause. Taking the /HOLD pin high
while SCK is low will resume an operation. The
transitions of /HOLD must occur while SCK is low,
but the SCK pin can toggle during a hold state.


유사한 부품 번호 - FM25L16

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25L16-DG ETC-FM25L16-DG Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25L16-G ETC-FM25L16-G Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25L16

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com