전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25040A-G 데이터시트(PDF) 3 Page - Ramtron International Corporation

부품명 FM25040A-G
상세설명  4Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25040A-G 데이터시트(HTML) 3 Page - Ramtron International Corporation

  FM25040A-G Datasheet HTML 1Page - Ramtron International Corporation FM25040A-G Datasheet HTML 2Page - Ramtron International Corporation FM25040A-G Datasheet HTML 3Page - Ramtron International Corporation FM25040A-G Datasheet HTML 4Page - Ramtron International Corporation FM25040A-G Datasheet HTML 5Page - Ramtron International Corporation FM25040A-G Datasheet HTML 6Page - Ramtron International Corporation FM25040A-G Datasheet HTML 7Page - Ramtron International Corporation FM25040A-G Datasheet HTML 8Page - Ramtron International Corporation FM25040A-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FM25040A
Rev. 3.0
May 2006
Page 3 of
13
Overview
The FM25040A is a serial FRAM memory. The
memory array is logically organized as 512 x 8 and is
accessed using an industry standard Serial Peripheral
Interface or SPI bus. Functional operation of the
FRAM is similar to serial EEPROMs. The major
difference between the FM25040A and a serial
EEPROM with the same pin-out relates to its
superior write performance. The FM25040A differs
from
Ramtron’s
FM25040
by
increasing
its
performance to 20MHz and adding support for SPI
Mode 3. This makes the FM25040A a drop-in
replacement for most 4Kb SPI EEPROMs that
support Modes 0 & 3.
Memory Architecture
When accessing the FM25040A, the user addresses
512 locations each with 8 data bits. These data bits
are shifted serially. The addresses are accessed using
the SPI protocol, which includes a chip select (to
permit multiple devices on the bus), an op-code
including the upper address bit, and a word address.
The word address consists of the lower 8-address
bits. The complete address of 9-bits specifies each
byte address uniquely.
Most
functions
of
the
FM25040A
either
are
controlled by the SPI interface or are handled
automatically by on-board circuitry. The access time
for memory operation essentially is zero, beyond the
time needed for the serial protocol. That is, the
memory is read or written at the speed of the SPI bus.
Unlike an EEPROM, it is not necessary to poll the
device for a ready condition since writes occur at bus
speed. That is, by the time a new bus transaction can
be shifted into the part, a write operation will be
complete. This is explained in more detail in the
interface section that follows.
Users expect several obvious system benefits from
the FM25040A due to its fast write cycle and high
endurance as compared with EEPROM. However
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than an EEPROM
since it is completed quickly. By contrast, an
EEPROM
requiring
milliseconds
to
write
is
vulnerable to noise during much of the cycle.
Note that the FM25040A contains no power
management circuits other than a simple internal
power-on reset. It is the user’s responsibility to
ensure that VDD is within datasheet tolerances to
prevent incorrect operation. It is recommended
that the part is not powered down with chip
enable active.
Serial Peripheral Interface – SPI Bus
The FM25040A employs a Serial Peripheral Interface
(SPI) bus. It is specified to operate at speeds up to 20
MHz. This high-speed serial bus provides high
performance
serial
communication
to
a
host
microcontroller.
Many common
microcontrollers
have hardware SPI ports allowing a direct interface.
It is quite simple to emulate the port using ordinary
port pins for microcontrollers that do not. The
FM25040A operates in SPI Mode 0 and 3.
The SPI interface uses a total of four pins: clock,
data-in, data-out, and chip select. A typical system
configuration uses one or more FM25040A devices
with a microcontroller that has a dedicated SPI port,
as Figure 2 illustrates. Note that the clock, data-in,
and data-out pins are common among all devices.
The Chip Select and Hold pins must be driven
separately for each FM25040A device.
For a microcontroller that has no dedicated SPI bus, a
general purpose port may be used. To reduce
hardware resources on the controller, it is possible to
connect the two data pins (SI, SO) together and tie
off (high) the /HOLD pin. Figure 3 shows a
configuration that uses only three pins.
Protocol Overview
The SPI interface is a synchronous serial interface
using clock and data lines. It is intended to support
multiple devices on the bus. Each device is activated
using a chip select. Once chip select is activated by
the bus master, the FM25040A will begin monitoring
the clock and data lines. The relationship between the
falling edge of /CS, the clock and data is dictated by
the SPI mode. The device will make a determination
of the SPI mode on the falling edge of each chip
select. While there are four such modes, the
FM25040A supports Modes 0 and 3. Figure 4 shows
the required signal relationships for Modes 0 and 3.
For both modes, data is clocked into the FM25040A
on the rising edge of SCK and data is expected on the
first rising edge after /CS goes active. If the clock
begins from a high state, it will fall prior to beginning
data transfer in order to create the first rising edge.
The SPI protocol is controlled by op-codes. These
op-codes specify the commands to the part. After /CS
is activated the first byte transferred from the bus
master is the op-code. Following the op-code, any
addresses and data are then transferred. Note that the
WREN and WRDI op-codes are commands with no
subsequent data transfer.
Important: The /CS must go inactive (high) after
an operation is complete and before a new op-code
can be issued. There is one valid op-code only per
active chip select.


유사한 부품 번호 - FM25040A-G

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-P ETC-FM25040-P Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-S ETC-FM25040-S Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

유사한 설명 - FM25040A-G

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com