전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25640-S 데이터시트(PDF) 1 Page - Ramtron International Corporation

부품명 FM25640-S
상세설명  64Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640-S 데이터시트(HTML) 1 Page - Ramtron International Corporation

  FM25640-S Datasheet HTML 1Page - Ramtron International Corporation FM25640-S Datasheet HTML 2Page - Ramtron International Corporation FM25640-S Datasheet HTML 3Page - Ramtron International Corporation FM25640-S Datasheet HTML 4Page - Ramtron International Corporation FM25640-S Datasheet HTML 5Page - Ramtron International Corporation FM25640-S Datasheet HTML 6Page - Ramtron International Corporation FM25640-S Datasheet HTML 7Page - Ramtron International Corporation FM25640-S Datasheet HTML 8Page - Ramtron International Corporation FM25640-S Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
www.ramtron.com
Rev. 3.0
Mar. 2005
1 of 13
FM25640
64Kb FRAM Serial Memory
Features
64K bit Ferroelectric Nonvolatile RAM
Organized as 8,192 x 8 bits
High Endurance 1 Trillion (1012) Read/Writes
45 Year Data Retention
NoDelay™ Writes
Advanced high-reliability ferroelectric process
Very Fast Serial Peripheral Interface - SPI
Up to 5 MHz maximum bus frequency
Direct hardware replacement for EEPROM
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Sophisticated Write Protection Scheme
Hardware Protection
Software Protection
Low Power Consumption
10
µA Standby Current
Industry Standard Configuration
Industrial Temperature -40
° C to +85° C
8-pin SOIC
“Green” 8-pin SOIC
Description
The FM25640 is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile but operates in other respects as a RAM.
It provides reliable data retention for 45 years while
eliminating the complexities, overhead, and system
level reliability problems caused by EEPROM and
other nonvolatile memories.
Unlike serial EEPROMs, the FM25640 performs
write operations at bus speed. No write delays are
incurred. Data is written to the memory array
immediately after it has been successfully transferred
to the device. The next bus cycle may commence
immediately. In addition, the product offers
substantial write endurance compared with other
nonvolatile memories. The FM25640 is capable of
supporting up to 1012 read/write cycles -- far more
than most systems will require from a serial memory.
These capabilities make the FM25640 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25640 provides substantial benefits to users
of serial EEPROM, in a hardware drop-in
replacement. The FM25640 uses the high-speed SPI
bus, which enhances the high-speed write capability
of FRAM technology. The specifications are
guaranteed over an industrial temperature range of
-40°C to +85°C.
Pin Configuration
Pin Names
Function
/CS
Chip Select
/HOLD
Hold
/WP
Write Protect
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
5V
VSS
Ground
Ordering Information
FM25640-S
8-pin SOIC
FM25640-G
“Green” 8-pin SOIC
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


유사한 부품 번호 - FM25640-S

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25640-S RAMTRON-FM25640-S Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results

유사한 설명 - FM25640-S

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com