전자부품 데이터시트 검색엔진 |
|
SN74ALVCF162835 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74ALVCF162835 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 14 page www.ti.com FEATURES DESCRIPTION/ORDERING INFORMATION 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 NC NC Y1 GND Y2 Y3 VCC Y4 Y5 Y6 GND Y7 Y8 Y9 Y10 Y11 Y12 GND Y13 Y14 Y15 VCC Y16 Y17 GND Y18 OE LE GND NC A1 GND A2 A3 VCC A4 A5 A6 GND A7 A8 A9 A10 A11 A12 GND A13 A14 A15 VCC A16 A17 GND A18 CLK GND DGG, DGV, OR DL PACKAGE (TOP VIEW) NC − No internal connection SN74ALVCF162835 3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS SCES397A – JULY 2002 – REVISED AUGUST 2004 • Member of the Texas Instruments Widebus™ Family • Ideal for Use in PC133 Register DIMM • Typical Output Skew . . . <250 ps • VCC = 3.3 V ± 0.3 V . . . Normal Range • VCC = 2.7 V to 3.6 V . . . Extended Range • VCC = 2.5 V ± 0.2 V • Rail-to-Rail Output Swing for Increased Noise Margin • Balanced Output Drivers . . . ±18 mA • Low Switching Noise • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • ESD Protection Exceeds JESD 22 - 2000-V Human-Body Model (A114-A) - 200-V Machine Model (A115-A) - 1000-V Charged-Device Model (C101) This 18-bit universal bus driver is designed for 2.3-V to 3.6-V VCC operation. Data flow from A to Y is controlled by the output-enable (OE) input. The device operates in the transparent mode when the latch-enable (LE) input is high. When LE is low, the A data is latched if the clock (CLK) input is held at a high or low logic level. If LE is low, the A data is stored in the latch/flip-flop on the low-to-high transition of CLK. When OE is high, the outputs are in the high-impedance state. The SN74ALVCF162835 has series damping resistors in the device output structure that reduce switching noise in 128-MB and 256-MB SDRAM modules. Designed with a drive capability of ±18 mA, this device is a midway drive between the SN74ALVC162835 ( ±12 mA) and SN74ALVC16835 ( ±24 mA). ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING Tube SN74ALVCF162835DL SSOP - DL ALVCF162835 Tape and reel SN74ALVCF162835DLR -40 °C to 85°C TSSOP - DGG Tape and reel SN74ALVCF162835GR ALVCF162835 TVSOP - DGV Tape and reel SN74ALVCF162835VR VF2835 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Widebus is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2002–2004, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74ALVCF162835 |
|
유사한 설명 - SN74ALVCF162835 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |