전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6217PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF6217PBF
상세설명  SMPS MOSFET HEXFET짰Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6217PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF6217PBF Datasheet HTML 1Page - International Rectifier IRF6217PBF Datasheet HTML 2Page - International Rectifier IRF6217PBF Datasheet HTML 3Page - International Rectifier IRF6217PBF Datasheet HTML 4Page - International Rectifier IRF6217PBF Datasheet HTML 5Page - International Rectifier IRF6217PBF Datasheet HTML 6Page - International Rectifier IRF6217PBF Datasheet HTML 7Page - International Rectifier IRF6217PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
10/04/04
IRF6217PbF
SMPS MOSFET
HEXFET® Power MOSFET
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
-0.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
-0.5
A
IDM
Pulsed Drain Current

-5.0
PD @TA = 25°C
Power Dissipation
„
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
4.5
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through „ are on page 8
PD - 95252
SO-8
VDSS
RDS(on) max
ID
-150V
2.4
W@VGS =-10V
-0.7A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
l Reset Switch for Active Clamp Reset
DC to DC converters
l Lead-Free
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S


유사한 부품 번호 - IRF6217PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6217PBF IRF-IRF6217PBF Datasheet
130Kb / 8P
   SMPS MOSFET
IRF6217PBF-1 IRF-IRF6217PBF-1 Datasheet
200Kb / 8P
   Industry-standard pinout SO-8 Package
IRF6217PBF-1 IRF-IRF6217PBF-1_15 Datasheet
200Kb / 8P
   Industry-standard pinout SO-8 Package
IRF6217PBF IRF-IRF6217PBF_15 Datasheet
130Kb / 8P
   Reset Switch for Active Clamp Reset DC to DC converters
More results

유사한 설명 - IRF6217PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com