전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRF1104PBF 데이터시트(Datasheet) 4 Page - International Rectifier

부품명 IRF1104PBF
상세내용  HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009Ω , ID = 100A )
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

   
 4 page
background image
IRF1104PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
1000
2000
3000
4000
5000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0.1
1
10
100
1000
0.2
0.8
1.4
2.0
2.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
1
10
100
1000
10000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
0
25
50
75
100
0
5
10
15
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
60A
V
= 20V
DS
V
= 32V
DS




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier
IRL640PBFHEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A 1 2 3 4 5 MoreInternational Rectifier
IRLZ34NSPBFHEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRFZ24NPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7905PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3705NSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF4905SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3000PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl