전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1104PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF1104PBF
상세설명  HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1104PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF1104PBF Datasheet HTML 1Page - International Rectifier IRF1104PBF Datasheet HTML 2Page - International Rectifier IRF1104PBF Datasheet HTML 3Page - International Rectifier IRF1104PBF Datasheet HTML 4Page - International Rectifier IRF1104PBF Datasheet HTML 5Page - International Rectifier IRF1104PBF Datasheet HTML 6Page - International Rectifier IRF1104PBF Datasheet HTML 7Page - International Rectifier IRF1104PBF Datasheet HTML 8Page - International Rectifier IRF1104PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF1104PbF
HEXFET® Power MOSFET
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and ruggedized device
design that HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for use in a wide variety
of applications.
The TO-220 package is universally preferred for all commercial-industrial
applications at power dissipation levels to approximately 50 watts. The low
thermal resistance and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
100
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
71
A
IDM
Pulsed Drain Current

400
PD @TC = 25°C
Power Dissipation
170
W
Linear Derating Factor
1.11
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
350
mJ
IAR
Avalanche Current

60
A
EAR
Repetitive Avalanche Energy

17
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.90
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = 40V
RDS(on) = 0.009Ω
ID = 100A
…
TO-220AB
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Description
02/02/04
www.irf.com
1
PD - 94967


유사한 부품 번호 - IRF1104PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1104PBF IRF-IRF1104PBF Datasheet
191Kb / 9P
   Advanced Process Technology
IRF1104PBF IRF-IRF1104PBF_15 Datasheet
191Kb / 9P
   Advanced Process Technology
More results

유사한 설명 - IRF1104PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com