전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFR2905ZPBF 데이터시트(Datasheet) 5 Page - International Rectifier

부품명 IRFR2905ZPBF
상세내용  HEXFET® Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mΩ , ID = 42A )
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

 
 5 page
background image
IRFR/U2905ZPbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Normalized On-Resistance
Vs. Temperature
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
LIMITED BY PACKAGE
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 36A
VGS = 10V
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.3962
0.00012
0.5693
0.00045
0.4129
0.0015
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci= i
/Ri
Ci=
τi/Ri




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRLZ34NSPBFHEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A 1 2 3 4 5 MoreInternational Rectifier
IRF1407SPBFHEXFET® Power MOSFET VDSS = 75V RDS on = 0.0078Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRF1405ZPBFAUTOMOTIVE MOSFET VDSS = 55V RDS on = 4.9mΩ ID = 75A 1 2 3 4 5 MoreInternational Rectifier
IRF1405SPBFAUTOMOTIVE MOSFET VDSS = 55V RDS on = 5.3mΩ ID = 131A 1 2 3 4 5 MoreInternational Rectifier
IRF1104PBFHEXFET POWER MOSFET VDSS = 40V RDS on = 0.009Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRL640PBFHEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A 1 2 3 4 5 MoreInternational Rectifier
IRFZ46N_04HEXFET® Power MOSFET VDSS = 55V RDS on = 16.5mΩ ID = 53A 1 2 3 4 5 MoreInternational Rectifier
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl