전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFR2905ZPBF 데이터시트(Datasheet) 6 Page - International Rectifier

부품명 IRFR2905ZPBF
상세내용  HEXFET® Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mΩ , ID = 42A )
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

 
 6 page
background image
IRFR/U2905ZPbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
200
240
I D
TOP
36A
8.6A
BOTTOM
4.8A
-75
-50
-25
0
25
50
75
100 125 150 175
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
4.5
ID = 250µA




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRLZ34NSPBFHEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A 1 2 3 4 5 MoreInternational Rectifier
IRF1407SPBFHEXFET® Power MOSFET VDSS = 75V RDS on = 0.0078Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRF1405ZPBFAUTOMOTIVE MOSFET VDSS = 55V RDS on = 4.9mΩ ID = 75A 1 2 3 4 5 MoreInternational Rectifier
IRF1405SPBFAUTOMOTIVE MOSFET VDSS = 55V RDS on = 5.3mΩ ID = 131A 1 2 3 4 5 MoreInternational Rectifier
IRF1104PBFHEXFET POWER MOSFET VDSS = 40V RDS on = 0.009Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRL640PBFHEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A 1 2 3 4 5 MoreInternational Rectifier
IRFZ46N_04HEXFET® Power MOSFET VDSS = 55V RDS on = 16.5mΩ ID = 53A 1 2 3 4 5 MoreInternational Rectifier
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl