전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFR2905ZPBF 데이터시트(Datasheet) 11 Page - International Rectifier

부품명 IRFR2905ZPBF
상세내용  HEXFET® Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mΩ , ID = 42A )
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

 
 11 page
background image
IRFR/U2905ZPbF
www.irf.com
11
Data and specifications subject to change without notice.
This product has been designed and qualified for the Automotive [Q101] market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/04
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.08mH
RG = 25Ω, IAS = 36A, VGS =10V. Part not
recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
Notes:
„ Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
† This value determined from sample failure population. 100%
tested to this value in production.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to
application note #AN-994
ˆ Rθ is measured at TJ approximately 90°C
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRLZ34NSPBFHEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A 1 2 3 4 5 MoreInternational Rectifier
IRF1407SPBFHEXFET® Power MOSFET VDSS = 75V RDS on = 0.0078Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRF1405ZPBFAUTOMOTIVE MOSFET VDSS = 55V RDS on = 4.9mΩ ID = 75A 1 2 3 4 5 MoreInternational Rectifier
IRF1405SPBFAUTOMOTIVE MOSFET VDSS = 55V RDS on = 5.3mΩ ID = 131A 1 2 3 4 5 MoreInternational Rectifier
IRF1104PBFHEXFET POWER MOSFET VDSS = 40V RDS on = 0.009Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRL640PBFHEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A 1 2 3 4 5 MoreInternational Rectifier
IRFZ46N_04HEXFET® Power MOSFET VDSS = 55V RDS on = 16.5mΩ ID = 53A 1 2 3 4 5 MoreInternational Rectifier
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl