전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFR4104PBF 데이터시트(Datasheet) 1 Page - International Rectifier

부품명 IRFR4104PBF
상세내용  HEXFET® Power MOSFET ( VDSS = 40V , RDS(on) = 5.5mΩ , ID = 42A )
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

 
 1 page
background image
IRFR4104PbF
IRFU4104PbF
HEXFET® Power MOSFET
VDSS = 40V
RDS(on) = 5.5mΩ
ID = 42A
12/06/04
www.irf.com
1
AUTOMOTIVE MOSFET
PD - 95425A
Specifically designed for Automotive applications, this HEXFET®
Power MOSFET utilizes the latest processing techniques to
achieve extremely low on-resistance per silicon area. Additional
features of this design are a 175°C junction operating tempera-
ture, fast switching speed and improved repetitive avalanche
rating . These features combine to make this design an extremely
efficient and reliable device for use in Automotive applications and
a wide variety of other applications.
S
D
G
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Features
D-Pak
IRFR4104
I-Pak
IRFU4104
HEXFET® is a registered trademark of International Rectifier.
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.05
RθJA
Junction-to-Ambient (PCB mount)
i
–––
40
°C/W
RθJA
Junction-to-Ambient
–––
110
310
145
See Fig.12a, 12b, 15, 16
140
0.95
± 20
Max.
119
84
480
42
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRFR2905ZPBFHEXFET® Power MOSFET VDSS = 55V RDS on = 14.5mΩ ID = 42A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRF1104PBFHEXFET POWER MOSFET VDSS = 40V RDS on = 0.009Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRF1407SPBFHEXFET® Power MOSFET VDSS = 75V RDS on = 0.0078Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRL640PBFHEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A 1 2 3 4 5 MoreInternational Rectifier
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier
IRLZ34NSPBFHEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A 1 2 3 4 5 MoreInternational Rectifier
IRFP3710PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.025Ω ID = 57A 1 2 3 4 5 MoreInternational Rectifier
IRFR120PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.27Ω ID = 7.7A 1 2 3 4 5 MoreInternational Rectifier

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl