전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFR9024NPBF 데이터시트(Datasheet) 8 Page - International Rectifier

부품명 IRFR9024NPBF
상세내용  HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175Ω , ID = -11A )
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

 
 8 page
background image
IRFR/U9024NPbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE AS S E MBLY LINE "A"
AS S E MBLE D ON WW 16, 1999
EXAMPLE:
WIT H AS S E MB LY
T HIS IS AN IRF R120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WEE K 16
PART NUMB ER
LOGO
INT ERNAT IONAL
RECT IFIE R
AS S EMB LY
LOT CODE
916A
IRFU120
34
YE AR 9 = 1999
DATE CODE
OR
P = DE S IGNAT ES LEAD-F RE E
PRODUCT (OPT IONAL)
Note: "P" in ass embly line pos ition
indicates "Lead-Free"
12
34
WEE K 16
A = AS S EMB LY S ITE CODE
PART NUMBE R
IRFU120
LINE A
LOGO
LOT CODE
AS S E MB LY
INTE RNAT IONAL
RECT IF IER




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRFR120PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.27Ω ID = 7.7A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRL640PBFHEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A 1 2 3 4 5 MoreInternational Rectifier
IRLZ34NSPBFHEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A 1 2 3 4 5 MoreInternational Rectifier
IRF1104PBFHEXFET POWER MOSFET VDSS = 40V RDS on = 0.009Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier
IRFP3710PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.025Ω ID = 57A 1 2 3 4 5 MoreInternational Rectifier
IRFR2905ZPBFHEXFET® Power MOSFET VDSS = 55V RDS on = 14.5mΩ ID = 42A 1 2 3 4 5 MoreInternational Rectifier
IRFR4104PBFHEXFET® Power MOSFET VDSS = 40V RDS on = 5.5mΩ ID = 42A 1 2 3 4 5 MoreInternational Rectifier

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl