전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C128ZI-GT3 데이터시트(PDF) 6 Page - Catalyst Semiconductor

부품명 CAT24C128ZI-GT3
상세설명  128-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C128ZI-GT3 데이터시트(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24C128ZI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C128ZI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C128ZI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C128ZI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C128ZI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C128ZI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C128ZI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C128ZI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C128ZI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CAT24C128
6
Doc. No. MD-1103, Rev. J
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE OPERATIONS
Byte Write
Upon receiving a Slave address with the R/W bit set
to ‘0’, the CAT24C128 will interpret the next two bytes
as address bytes These bytes are used to initialize the
internal address counter; the 2 most significant bits are
‘don’t care’, the next 8 point to one of 256 available pages
and the last 6 point to a location within a 64 byte page.
A byte following the address bytes will be interpreted as
data. The data will be loaded into the Page Write Buffer
and will eventually be written to memory at the address
specified by the 14 active address bits provided earlier.
The CAT24C128 will acknowledge the Slave address,
address bytes and data byte. The Master then starts
the internal Write cycle by issuing a STOP condition
(Figure 5). During the internal Write cycle (tWR), the SDA
output will be tri-stated and additional Read or Write
requests will be ignored (Figure 6).
Page Write
By continuing to load data into the Page Write Buffer
after the 1st data byte and before issuing the STOP
condition, up to 64 bytes can be written simultaneously
during one internal Write cycle (Figure 7). If more data
bytes are loaded than locations available to the end of
page, then loading will continue from the beginning of
page, i.e. the page address is latched and the address
count automatically increments to and then wraps-
around at the page boundary. Previously loaded data
can thus be overwritten by new data. What is eventually
written to memory reflects the latest Page Write Buffer
contents. Only data loaded within the most recent Page
Write sequence will be written to memory.
Acknowledge Polling
The ready/busy status of the CAT24C128 can be ascer-
tained by sending Read or Write requests immediately
following the STOP condition that initiated the internal
Write cycle. As long as internal Write is in progress, the
CAT24C128 will not acknowledge the Slave address.
Hardware Write Protection
With the WP pin held HIGH, the entire memory
is protected against Write operations. If the WP
pin is left floating or is grounded, it has no im-
pact on the operation of the CAT24C128. The
state of the WP pin is strobed on the last falling
edge of SCL immediately preceding the first data byte
(Figure 8). If the WP pin is HIGH during the strobe in-
terval, the CAT24C128 will not acknowledge the data
byte and the Write request will be rejected.
Delivery State
The CAT24C128 is shipped erased, i.e., all bytes are
FFh.


유사한 부품 번호 - CAT24C128ZI-GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C128ZI-GT3 ONSEMI-CAT24C128ZI-GT3 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAT24C128ZI-GT3 ONSEMI-CAT24C128ZI-GT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
More results

유사한 설명 - CAT24C128ZI-GT3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com