전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B0011E75300A00 데이터시트(PDF) 3 Page - Anaren Microwave

부품명 B0011E75300A00
상세설명  Ultra Low Profile 1008 Balun
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0011E75300A00 데이터시트(HTML) 3 Page - Anaren Microwave

  B0011E75300A00 Datasheet HTML 1Page - Anaren Microwave B0011E75300A00 Datasheet HTML 2Page - Anaren Microwave B0011E75300A00 Datasheet HTML 3Page - Anaren Microwave B0011E75300A00 Datasheet HTML 4Page - Anaren Microwave B0011E75300A00 Datasheet HTML 5Page - Anaren Microwave B0011E75300A00 Datasheet HTML 6Page - Anaren Microwave B0011E75300A00 Datasheet HTML 7Page - Anaren Microwave B0011E75300A00 Datasheet HTML 8Page - Anaren Microwave B0011E75300A00 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model B0011E75300A00
Rev B
Typical Performance with One External 82pF Capacitor
Port_1
ZO=75Ω [=Zin]
Port_2
ZO=150Ω [=Zout/2]
Port_3
ZO=150Ω [=Zout/2]
3
1
12
6
11
4
5
6
3
21
R1
R=300Ω [Zout]
4
7
9
5
10
B0011E75300Axx
C1
C=82pF
Figure 2 The Balun with an external capacitor on the
low impedance ground pin. This improves insertion loss
and return loss in the 40-200MHz range over that of the
basic configuration. The capacitor value can be changed
some to get a slightly different performance. A series
capacitor with just pin 4 does NOT produce identical
results as the one just in series with pin 7.
Frequency (MHz)
-3.6
-3.3
-3
-2.7
-2.4
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0
Frequency (MHz)
100
1000
82pF series capacitor on Pin 7
Insertion Loss
-1.661
-1.232
-0.497
-0.962
-1.308
Frequency (MHz)
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
Frequency (MHz)
100
1000
82pF series capacitor on Pin 7
Amplitude Balance
0.587
0.283
-0.015
-0.283
-0.614
Frequency (MHz)
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency (MHz)
100
1000
82pF series capacitor on Pin 7
Return Loss
-10.999
-11.577
-18.631
-14.678
-12.417
Frequency (MHz)
-20
-16
-12
-8
-4
0
4
8
12
16
20
Frequency (MHz)
100
1000
82pF series capacitor on Pin 7
Phase Balance (Delta 180)
1.9962.147
2.108
3.206
6.305
Frequency (MHz)
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency (MHz)
100
1000
82pF series capacitor on Pin 7
Common Mode Rejection
-28.399
-32.098
-34.696
-29.797
-23.683


유사한 부품 번호 - B0011E75300A00

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
B000-H0000-X-X-7600 INFINEON-B000-H0000-X-X-7600 Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
Anaren Microwave
B0008K5050A00 ANAREN-B0008K5050A00 Datasheet
580Kb / 6P
   Ultra Low Profile 0606 Balun 50 to 50 Balanced
B0008K7575A00 ANAREN-B0008K7575A00 Datasheet
453Kb / 7P
   Ultra Low Profile 0606 Balun
logo
Tripp Lite. All Rights ...
B002-DP1A4 TRIPPLITE-B002-DP1A4 Datasheet
159Kb / 4P
   Secure KVM Switch, DisplayPort to DisplayPort -4 Ports, 4K, NIAP PP3.0 Certified, Audio, Single Monitor
B002-DP1A4-N4 TRIPPLITE-B002-DP1A4-N4 Datasheet
39Kb / 4P
   Secure KVM Switch, 4-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, TAA
More results

유사한 설명 - B0011E75300A00

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
B0110E50200AHF ANAREN-B0110E50200AHF Datasheet
292Kb / 6P
   Ultra Low Profile 1008 Balun
BD0310E5050A00 ANAREN-BD0310E5050A00 Datasheet
392Kb / 4P
   Ultra Low Profile 1008 Balun
BD1722J50100AHF ANAREN-BD1722J50100AHF Datasheet
188Kb / 5P
   Ultra Low Profile 0805 Balun
BD2425J50100AHF ANAREN-BD2425J50100AHF Datasheet
213Kb / 5P
   Ultra Low Profile 0805 Balun
B0322J5050A00 ANAREN-B0322J5050A00 Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1722J50200AHF ANAREN-BD1722J50200AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun
BD0810J50150AHF ANAREN-BD0810J50150AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com