전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS166N 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALS166N
상세설명  PARALLEL-LOAD 8-BIT SHIFT REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS166N 데이터시트(HTML) 4 Page - Texas Instruments

  SN74ALS166N Datasheet HTML 1Page - Texas Instruments SN74ALS166N Datasheet HTML 2Page - Texas Instruments SN74ALS166N Datasheet HTML 3Page - Texas Instruments SN74ALS166N Datasheet HTML 4Page - Texas Instruments SN74ALS166N Datasheet HTML 5Page - Texas Instruments SN74ALS166N Datasheet HTML 6Page - Texas Instruments SN74ALS166N Datasheet HTML 7Page - Texas Instruments SN74ALS166N Datasheet HTML 8Page - Texas Instruments SN74ALS166N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74ALS166
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SDAS156D – APRIL 1982 – REVISED AUGUST 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = –0.4 mA
VCC–2
V
VOL
VCC =4 5V
IOL = 4 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.5 V,
See Note 2
14
24
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 2: With 4.5 V applied to SER and all other inputs, except the clock, grounded, ICC is measured after a clock transition from 0 V to 4.5 V.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
MIN
MAX
UNIT
fclock
Clock frequency
45
MHz
CLR low
9
tw
Pulse duration
CLK high
10
ns
CLK low
10
SH/LD
16
tsu
Setup time before CLK
Data
7
ns
CLR inactive
11
th
Hold time, data after CLK
3
ns
switching characteristics over recommended operating conditions (unless otherwise noted)
(see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
UNIT
fmax
45
MHz
tPHL
CLR
QH
4
9
14
ns
tPLH
CLK
QH
2
7
12
ns
tPHL
CLK
QH
2
9
13
ns
† All typical values are at VCC = 5 V, TA = 25°C.


유사한 부품 번호 - SN74ALS166N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS166N TI-SN74ALS166N Datasheet
344Kb / 11P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166NSR TI-SN74ALS166NSR Datasheet
344Kb / 11P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results

유사한 설명 - SN74ALS166N

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com