전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25C64PA-GT3 데이터시트(PDF) 11 Page - Catalyst Semiconductor

부품명 CAT25C64PA-GT3
상세설명  64K-Bit SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64PA-GT3 데이터시트(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT25C64PA-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64PA-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64PA-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C64PA-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C64PA-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C64PA-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25C64PA-GT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT25C64PA-GT3 Datasheet HTML 14Page - Catalyst Semiconductor CAT25C64PA-GT3 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
CAT25C64
Doc. No. 1112, Rev. B
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
1.
Complies with JEDEC specification MS-012 dimensions.
2.
All linear dimensions in millimeters.
8-LEAD 150 MIL WIDE SOIC (S, V)
SYMBOL
A1
A2
b
C
D
E
E1
e
f
MIN
0.0040
0.0532
0.013
0.1890
02284
0.149
0.0099
NOM
0.0098
0.0075
0.050 BSC
MAX
0.0098
0.0688
0.020
0.1968
0.2440
0.1574
0.0196
θ10
°
8
°
E
E1
D
A1
e
L
θ1
C
b
A


유사한 부품 번호 - CAT25C64PA-GT3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25C64PA-1.8TE13 CATALYST-CAT25C64PA-1.8TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C64PA-1.8TE13 CATALYST-CAT25C64PA-1.8TE13 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C64PA-TE13 CATALYST-CAT25C64PA-TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C64PA-TE13 CATALYST-CAT25C64PA-TE13 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
More results

유사한 설명 - CAT25C64PA-GT3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
   64K SPI Bus Serial EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com