전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25640LIT3 데이터시트(PDF) 3 Page - Catalyst Semiconductor

부품명 CAT25640LIT3
상세설명  64-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25640LIT3 데이터시트(HTML) 3 Page - Catalyst Semiconductor

  CAT25640LIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25640LIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25640LIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25640LIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25640LIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25640LIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25640LIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25640LIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25640LIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT25640
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-1128 Rev. B
Characteristics subject to change without notice
A.C. CHARACTERISTICS
TA = -40°C to +85°C, unless otherwise specified.
(1)
VCC = 1.8V-5.5V
VCC = 2.5V-5.5V
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
40
20
ns
tH
Data Hold Time
40
20
ns
tWH
SCK High Time
80
40
ns
tWL
SCK Low Time
80
40
ns
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
25
ns
tRI
(2)
Input Rise Time
2
2
µs
tFI
(2)
Input Fall Time
2
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
0
0
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
10
10
ns
tV
Output Valid from Clock Low
75
40
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
25
ns
tCS
CS
¯¯ High Time
50
15
ns
tCSS
CS
¯¯ Setup Time
50
15
ns
tCSH
CS
¯¯ Hold Time
50
15
ns
tWPS
WP
¯¯¯ Setup Time
10
10
ns
tWPH
WP
¯¯¯ Hold Time
10
10
ns
tWC
(4)
Write Cycle Time
5
5
ms
Power-Up Timing
(2)(3)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Notes:
(1) AC Test Conditions:
Input Pulse Voltages: 0.3VCC to 0.7VCC
Input rise and fall times: ≤ 10ns
Input and output reference voltages: 0.5VCC
Output load: current source IOL max/IOH max; CL = 50pF
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(4) tWC is the time from the rising edge of CS
¯¯ after a valid write sequence to the end of the internal write cycle.


유사한 부품 번호 - CAT25640LIT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640LI-GT3 ONSEMI-CAT25640LI-GT3 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
CAT25640LI-T3 ONSEMI-CAT25640LI-T3 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
More results

유사한 설명 - CAT25640LIT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com