전자부품 데이터시트 검색엔진 |
|
SN74AS169ADE4 데이터시트(PDF) 5 Page - Texas Instruments |
|
SN74AS169ADE4 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 19 page SN54ALS169B, SN54AS169A, SN74ALS169B, SN74AS169A SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTERS SDAS125B − MARCH 1984 − REVISED DECEMBER 1994 2−5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 recommended operating conditions SN54ALS169B SN74ALS169B UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.7 0.8 V IOH High-level output current − 0.4 − 0.4 mA IOL Low-level output current 4 8 mA fclock Clock frequency 0 22 0 40 MHz tw Pulse duration, CLK high or low 14 12.5 ns A, B, C, or D 20 15 tsu Setup time before CLK ↑ ENP or ENT 25 15 ns tsu Setup time before CLK ↑ LOAD 20 15 ns U/D 28 15 th Hold time, data after CLK ↑ 0 0 ns TA Operating free-air temperature −55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALS169B SN74ALS169B UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = − 18 mA − 1.5 − 1.5 V VOH VCC = 4.5 V to 5.5 V, IOH = − 0.4 mA VCC −2 VCC −2 V VOL VCC = 4.5 V IOL = 4 mA 0.25 0.4 0.25 0.4 V VOL VCC = 4.5 V IOL = 8 mA 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V − 0.2 − 0.2 mA IO‡ VCC = 5.5 V, VO = 2.25 V −20 −112 −30 −112 mA ICC VCC = 5.5 V 15 25 15 25 mA † All typical values are at VCC = 5 V, TA = 25°C. ‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. |
유사한 부품 번호 - SN74AS169ADE4 |
|
유사한 설명 - SN74AS169ADE4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |