전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25040VP2IT3 데이터시트(PDF) 7 Page - Catalyst Semiconductor

부품명 CAT25040VP2IT3
상세설명  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040VP2IT3 데이터시트(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25040VP2IT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25040VP2IT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25040VP2IT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25040VP2IT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25040VP2IT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25040VP2IT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25040VP2IT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25040VP2IT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25040VP2IT3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 8-bit
address and data as shown in Figure 4. For the
CAT25040, bit 3 of the write instruction opcode
contains A8 address bit. Internal programming will
start after the low to high CS
¯¯ transition. During an
internal write cycle, all commands, except for RDSR
(Read Status Register) will be ignored. The RDY
¯¯¯¯ bit
will indicate if the internal write cycle is in progress
(RDY
¯¯¯¯ high), or the the device is ready to accept
commands (RDY
¯¯¯¯ low).
Page Write
After
sending
the
first
data
byte
to
the
CAT25010/20/40, the host may continue sending
data, up to a total of 16 bytes, according to timing
shown in Figure 5. After each data byte, the lower
order address bits are automatically incremented,
while the higher order address bits (page address)
remain unchanged. If during this process the end of
page is exceeded, then loading will “roll over” to the
first byte in the page, thus possibly overwriting
previoualy loaded data. Following completion of the
write cycle, the CAT25010/20/40 is automatically
returned to the write disable state.
Figure 4. Byte WRITE Timing
Notes:
Dashed Line = mode (1, 1) - - - - - -
* X = 0 for CAT25010, CAT25020. x = A8 for CAT25040
Figure 5. Page WRITE Timing
Notes:
Dashed Line = mode (1, 1) - - - - - -
* X = 0 for CAT25010, CAT25020. x = A8 for CAT25040
SCK
SI
SO
00
0
0
X*
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
012345678
CS
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS
A7
A0
13
14 15
16
17
18 19
20
21
22 23
SCK
SI
SO
00
00
X*
0
1
0
BYTE ADDRESS
Data
Byte 1
01234
5678
13
14
15 16-23 24-31
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
16+(N-1)x8-1..16+(N-1)x8 16+Nx8-1
DATA IN
HIGH IMPEDANCE
A7
A0


유사한 부품 번호 - CAT25040VP2IT3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25040VP2IT3 CATALYST-CAT25040VP2IT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

유사한 설명 - CAT25040VP2IT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com