전자부품 데이터시트 검색엔진 |
|
CAT25020VET3 데이터시트(PDF) 1 Page - Catalyst Semiconductor |
|
CAT25020VET3 데이터시트(HTML) 1 Page - Catalyst Semiconductor |
1 / 17 page CAT25010, CAT25020, CAT25040 © Catalyst Semiconductor, Inc. 1 Doc. No. MD-1006 Rev. T Characteristics subject to change without notice 1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM FEATURES 10 MHz SPI compatible 1.8V to 5.5V supply voltage range SPI modes (0,0) & (1,1) 16-byte page write buffer Self-timed write cycle Hardware and software protection Block write protection – Protect 1/4, 1/2 or entire EEPROM array Low power CMOS technology 1,000,000 program/erase cycles 100 year data retention Industrial and Extended temperature range RoHS-compliant 8-lead PDIP, SOIC, TSSOP and 8-pad TDFN packages PIN CONFIGURATION PDIP (L) SOIC (V) TSSOP (Y) TDFN (VP2) CS ¯¯ 1 8 VCC SO 2 7 HOLD ¯¯¯¯¯ WP ¯¯¯ 3 6 SCK VSS 4 5 SI PIN FUNCTION Pin Name Function CS ¯¯ Chip Select SO Serial Data Output WP ¯¯¯ Write Protect VSS Ground SI Serial Data Input SCK Serial Clock HOLD ¯¯¯¯¯ Hold Transmission Input VCC Power Supply DESCRIPTION The CAT25010/20/40 are 1-Kb/2-Kb/4-Kb Serial CMOS EEPROM devices internally organized as 128x8/256x8/512x8 bits. They feature a 16-byte page write buffer and support the Serial Peripheral Interface (SPI) protocol. The device is enabled through a Chip Select (CS ¯¯ ) input. In addition, the required bus signals are a clock input (SCK), data input (SI) and data output (SO) lines. The HOLD ¯¯¯¯¯ input may be used to pause any serial communication with the CAT25010/20/40 device. These devices feature software and hardware write protection, including partial as well as full array protection. FUNCTIONAL SYMBOL For Ordering Information details, see page 16. CS WP HOLD SI SO CAT25010 CAT25020 CAT25040 VCC VSS SCK |
유사한 부품 번호 - CAT25020VET3 |
|
유사한 설명 - CAT25020VET3 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |