전자부품 데이터시트 검색엔진 |
|
CAT25040VP2ET3 데이터시트(PDF) 9 Page - Catalyst Semiconductor |
|
CAT25040VP2ET3 데이터시트(HTML) 9 Page - Catalyst Semiconductor |
9 / 17 page CAT25010, CAT25020, CAT25040 © Catalyst Semiconductor, Inc. 9 Doc. No. MD-1006 Rev. T Characteristics subject to change without notice READ OPERATIONS Read from Memory Array To read from memory, the host sends a READ instruction followed by a 8-bit address (for the CAT25040, bit 3 of the read instruction opcode contains A8 address bit). After receiving the last address bit, the CAT25010/20/40 will respond by shifting out data on the SO pin (as shown in Figure 8). Sequentially stored data can be read out by simply continuing to run the clock. The internal address pointer is automatically incremented to the next higher address as data is shifted out. After reaching the highest memory address, the address counter “rolls over” to the lowest memory address, and the read cycle can be continued indefinitely. The read operation is terminated by taking CS ¯¯ high. Read Status Register To read the status register, the host simply sends a RDSR command. After receiving the last bit of the command, the CAT25010/20/40 will shift out the contents of the status register on the SO pin (Figure 9). The status register may be read at any time, including during an internal write cycle. Figure 8. READ Timing Notes: Dashed Line = mode (1, 1) - - - - - - * X = 0 for CAT25010, CAT25020. X = A8 for CAT25040 Figure 9. RDSR Timing Note: Dashed Line = mode (1, 1) - - - - - - 01 2 3 4 5 6 7 8 10 911 12 13 14 SCK SI DATA OUT MSB HIGH IMPEDANCE OPCODE SO 7 6 5 4 3 2 1 0 CS 00 0 00 1 0 1 SCK SI SO BYTE ADDRESS 01 23 456 78 9 D7 D6 D5 D4 D3 D2 D1 D0 CS DATA OUT MSB HIGH IMPEDANCE A0 OPCODE 13 12 14 15 16 17 18 19 20 21 22 00 00 X* 0 1 1 A7 |
유사한 부품 번호 - CAT25040VP2ET3 |
|
유사한 설명 - CAT25040VP2ET3 |