전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G125GM 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AUP1G125GM
상세설명  Low-power buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G125GM 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP1G125GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G125GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G125GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G125GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G125GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G125GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G125GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G125GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G125GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
74AUP1G125_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2006
6 of 21
Philips Semiconductors
74AUP1G125
Low-power buffer/line driver; 3-state
∆I
CC
additional supply current
data input; VI =VCC − 0.6 V; IO =0A;
VCC = 3.3 V
[1] --
40
µA
OE input; VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] -
-
110
µA
all inputs; VI = GND to 3.6 V;
OE = VCC; VCC = 0.8 V to 3.6 V
[2] --
1
µA
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-
0.9
-
pF
CO
output capacitance
output enabled
VO = GND; VCC = 0 V
-
1.7
-
pF
output disabled
VCC = 0 V to 3.6 V; VO = GND or VCC
-
1.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-state input voltage
VCC = 0.8 V
0.70
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-state input voltage
VCC = 0.8 V
-
-
0.30
× VCC V
VCC = 0.9 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-state output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VOL
LOW-state output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOZ
3-state output OFF-state
current
VI = VIH or VIL; VO = 0 V to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74AUP1G125GM

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G125GM NEXPERIA-74AUP1G125GM Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125GM-Q100 NEXPERIA-74AUP1G125GM-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
More results

유사한 설명 - 74AUP1G125GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AXP1G125 PHILIPS-74AXP1G125_15 Datasheet
183Kb / 18P
   Low-power buffer/line driver; 3-state
Rev. 1-16 January 2014
logo
Nexperia B.V. All right...
74AXP1G125 NEXPERIA-74AXP1G125 Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125_15 Datasheet
377Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 6-15 August 2012
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
100Kb / 20P
   Low-Power buffer/line driver; 3-state
Rev. 01-25 July 2005
logo
Nexperia B.V. All right...
74AUP1G126 NEXPERIA-74AUP1G126 Datasheet
310Kb / 22P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
logo
NXP Semiconductors
74AUP1G126 PHILIPS-74AUP1G126_15 Datasheet
378Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 5-28 June 2012
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com