전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8132A 데이터시트(PDF) 5 Page - Nippon Precision Circuits Inc

부품명 SM8132A
상세설명  White LED Driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8132A 데이터시트(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8132A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8132A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8132A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8132A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8132A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8132A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8132A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8132A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8132A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SM8132A
NIPPON PRECISION CIRCUITS INC.—5
SPECIFICATIONS
Absolute Maximum Ratings
GND = 0V
Note. The device may suffer breakdown if any one of these parameter ratings is exceeded.
Recommended Operating Conditions
GND = 0V
Parameter
Symbol
Rating
Unit
VIN voltage range
VIN
−0.3 to 5.5
V
Input voltage range
VEN
VGND – 0.3 to VIN + 0.3
V
Output voltage range
VDIN1 to 4
VGND – 0.3 to VIN + 0.3
V
VOUT
5.5
V
VOUT output current
IOUT
500
mA
Power dissipation
PD
800 (Ta = 25
°C)*1
*1. When mounted on a 4-layer PCB.
mW
Junction temperature
TJMAX
+125
°C
Storage temperature range
Tstg
−55 to +125
°C
Parameter
Pin
Symbol
Conditions
Rating
Unit
min
typ
max
Supply voltage range
VIN
VIN0
×1.0 mode, IOUT = 0mA
2.7
3.6
4.6
V
VIN
×1.5 mode, IOUT = 80mA
3.3
3.6
4.6
V
Input voltage range
EN
VES
Each logic-level pin
0
VIN
V
Ambient temperature range
Ta
−30
+85
°C
0
200
400
600
800
25
35
45
55
65
75
85
Operating temperature [
°C]
800
640
480
320


유사한 부품 번호 - SM8132A

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
More results

유사한 설명 - SM8132A

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com