전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1024-45C3X 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M27C1024-45C3X
상세설명  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024-45C3X 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M27C1024-45C3X Datasheet HTML 2Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 3Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 4Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 5Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 6Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 7Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 8Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 9Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Symbol
Alt
Parameter
Test Condition
M27C1024
Unit
-70
-80/-90
-10/-12/
-15/-20
Min
Max
Min
Max
Min
Max
tAVQV
tACC Address Valid to Output Valid
E = VIL,G = VIL
70
80
100
ns
tELQV
tCE
Chip Enable Low to Output Valid
G = VIL
70
80
100
ns
tGLQV
tOE
Output Enable Low to Output Valid
E = VIL
35
40
50
ns
tEHQZ
(2)
tDF
Chip Enable High to Output Hi-Z
G = VIL
0
30
0
30
0
30
ns
tGHQZ
(2)
tDF
Output Enable High to Output Hi-Z
E = VIL
0
30
0
30
0
30
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,G = VIL
000
ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
2. Sampled only, not 100% tested.
Table 8B. Read Mode AC Characteristics (1)
(TA = 0 to 70
°C, –40 to 85 °C; –40 to 105 °C or –40 to 125 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC)
AI00705B
tAXQX
tEHQZ
A0-A15
E
G
Q0-Q15
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID
Figure 5. Read Mode AC Waveforms
6/15
M27C1024


유사한 부품 번호 - M27C1024-45C3X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1024-45C3X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com