전자부품 데이터시트 검색엔진 |
|
SN74ALVCH16244GRDR 데이터시트(PDF) 5 Page - Texas Instruments |
|
SN74ALVCH16244GRDR 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 19 page www.ti.com Electrical Characteristics Switching Characteristics SN74ALVCH16244 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS SCES014K – JULY 1995 – REVISED OCTOBER 2005 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = –100 µA 1.65 V to 3.6 V VCC – 0.2 IOH = –4 mA 1.65 V 1.2 IOH = –6 mA 2.3 V 2 VOH 2.3 V 1.7 V IOH = –12 mA 2.7 V 2.2 3 V 2.4 IOH = –24 mA 3 V 2 IOL = 100 µA 1.65 V to 3.6 V 0.2 IOL = 4 mA 1.65 V 0.45 IOL = 6 mA 2.3 V 0.4 VOL V 2.3 V 0.7 IOL = 12 mA 2.7 V 0.4 IOL = 24 mA 3 V 0.55 II VI = VCC or GND 3.6 V ±5 µA VI = 0.58 V 1.65 V 25 VI = 1.07 V 1.65 V –25 VI = 0.7 V 2.3 V 45 II(hold) VI = 1.7 V 2.3 V –45 µA VI = 0.8 V 3 V 75 VI = 2 V 3 V –75 VI = 0 to 3.6 V(2) 3.6 V ±500 IOZ VO = VCC or GND 3.6 V ±10 µA ICC VI = VCC or GND, IO = 0 3.6 V 40 µA ∆I CC One input at VCC – 0.6 V, Other inputs at VCC or GND 3 V to 3.6 V 750 µA Control inputs 3 Ci VI = VCC or GND 3.3 V pF Data inputs 6 Co Outputs VO = VCC or GND 3.3 V 7 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. (2) This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 2.5 V VCC = 3.3 V VCC = 1.8 V VCC = 2.7 V FROM TO ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN MAX tpd A Y (1) 1 3.7 3.6 1 3 ns ten OE Y (1) 1 5.7 5.4 1 4.4 ns tdis OE Y (1) 1 5.2 4.6 1 4.1 ns (1) This information was not available at the time of publication. 5 |
유사한 부품 번호 - SN74ALVCH16244GRDR |
|
유사한 설명 - SN74ALVCH16244GRDR |